Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7554 Datasheet (PDF) - Intersil Corporation

EL7554 Datasheet PDF - Intersil Corporation
Part # EL7554
Download  EL7554 Download
File Size   499.49 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Monolithic 4 Amp DC-DC Step-Down Regulator

EL7554 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7554 Datasheet PDF - Intersil Corporation

Part # EL7554
Download  EL7554 Click to download

File Size   499.49 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Monolithic 4 Amp DC-DC Step-Down Regulator

EL7554 Datasheet (HTML) - Intersil Corporation


EL7554 Product details

Monolithic 4 Amp DC-DC Step-Down Regulator

The EL7554 is a full-feature synchronous 4A step-down regulator capable of up to 96% efficiency. This device operates from 3V to 6V VIN input supply. With internal CMOS power FETs, the device can operate at up to 100% duty ratio, allowing for output voltage range from 0.8V up to nearly VIN.The adjustable high switching frequency of up to 1MHz enables the use of small components, making the whole converter occupy less than 0.58 square inch with components on one side of the PCB.

Features
• Integrated MOSFETs
• 4A continuous output current
• Up to 96% efficiency
• All ceramic capacitors
• Multiple supply start-up tracking
• Built-in ±5% voltage margining
• 3V to 6V input voltage
• 0.58 in2 footprint with components on one side of PCB
• Adjustable switching frequency to 1MHz
• Oscillator synchronization possible
• 100% duty ratio
• Junction temperature indicator
• Over-temperature protection
• Internal soft-start
• Variable output voltage down to 0.8V
• Power-good indicator
• 28 Ld HTSSOP package
• Pb-free plus anneal available (RoHS compliant)

Applications
• Point-of-regulation power supplies
• FPGA Core and I/O supplies
• DSP, CPU Core, and IO supplies
• Logic/Bus supplies
• Portable equipment




Similar Part No. - EL7554

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7554 INTERSIL-EL7554 Datasheet
404Kb / 14P
Monolithic 4 Amp DC-DC Step-Down Regulator
May 8, 2006
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
Monolithic 4A DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7554IRE INTERSIL-EL7554IRE Datasheet
404Kb / 14P
Monolithic 4 Amp DC-DC Step-Down Regulator
May 8, 2006
logo
Renesas Technology Corp
EL7554IRE RENESAS-EL7554IRE Datasheet
732Kb / 14P
Monolithic 4A DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7554IRE-T13 INTERSIL-EL7554IRE-T13 Datasheet
404Kb / 14P
Monolithic 4 Amp DC-DC Step-Down Regulator
May 8, 2006
More results


Similar Description - EL7554

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7566 INTERSIL-EL7566 Datasheet
490Kb / 14P
Monolithic 6 Amp DC-DC Step-Down Regulator
December 1, 2004
EL7562 INTERSIL-EL7562 Datasheet
246Kb / 9P
Monolithic 2Amp DC-DC Step-Down Regulator
April 30, 2004
EL7564 INTERSIL-EL7564 Datasheet
644Kb / 17P
Monolithic 4 Amp DC/DC Step-Down Regulator
May 9, 2005
EL7566 INTERSIL-EL7566_06 Datasheet
399Kb / 14P
Monolithic 6A DC/DC Step-Down Regulator
EL7562 INTERSIL-EL7562_06 Datasheet
162Kb / 9P
Monolithic 2Amp DC-DC Step-Down Regulator
May 1, 2006
EL7554 INTERSIL-EL7554_06 Datasheet
404Kb / 14P
Monolithic 4 Amp DC-DC Step-Down Regulator
May 8, 2006
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
Monolithic 4A DC/DC Step-Down Regulator
EL7562 RENESAS-EL7562 Datasheet
470Kb / 9P
Monolithic 2Amp DC-DC Step-Down Regulator
EL7563 RENESAS-EL7563 Datasheet
861Kb / 16P
Monolithic 4 Amp DC/DC Step-Down Regulator
EL7564 RENESAS-EL7564 Datasheet
875Kb / 17P
Monolithic 4 Amp DC/DC Step-Down Regulator
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com