Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7562 Datasheet (PDF) - Intersil Corporation

EL7562 Datasheet PDF - Intersil Corporation
Part # EL7562
Download  EL7562 Download
File Size   246.07 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Monolithic 2Amp DC-DC Step-Down Regulator

EL7562 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7562 Datasheet PDF - Intersil Corporation

Part # EL7562
Download  EL7562 Click to download

File Size   246.07 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Monolithic 2Amp DC-DC Step-Down Regulator

EL7562 Datasheet (HTML) - Intersil Corporation


EL7562 Product details

General Description
The EL7562C is an integrated, synchronous step-down regulator with output voltage adjustable from 1.0V to 3.8V. It is capable of delivering 2A continuous current at up to 95% efficiency. The EL7562C operates at a constant frequency pulse width modulation (PWM) mode, making external synchronization possible. Patented on-chip resistorless current sensing enables current mode control, which provides cycle-bycycle current limiting, over-current protection, and excellent step load response. The EL7562C is available in a fused-lead 16-pin QSOP package.

Features
• Integrated synchronous MOSFETs and current mode controller
• 2A continuous output current
• Up to 95% efficiency
• 4.5V to 5.5V input voltage
• Adjustable output from 1V to 3.8V
• Cycle-by-cycle current limit
• Precision reference
• ±0.5% load and line regulation
• Adjustable switching frequency to 1MHz
• Oscillator synchronization possible
• Internal soft start
• Over temperature protection
• Under voltage lockout
• 16-pin QSOP package

Applications
• DSP, CPU Core and IO Supplies
• Logic/Bus Supplies
• Portable Equipment
• DC:DC Converter Modules
• GTL + Bus Power Supply




Similar Part No. - EL7562

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7562 ELANTEC-EL7562 Datasheet
241Kb / 10P
Monolithic 2 Amp DC:DC Step-down Regulator
logo
Intersil Corporation
EL7562 INTERSIL-EL7562 Datasheet
635Kb / 7P
The EL7562 is a Buck (Step Down) DC:DC controller with integrated synchronous MOSFETs in a 16-pin QSOP package.
June 20, 2002
EL7562 INTERSIL-EL7562 Datasheet
162Kb / 9P
Monolithic 2Amp DC-DC Step-Down Regulator
May 1, 2006
logo
Renesas Technology Corp
EL7562 RENESAS-EL7562 Datasheet
470Kb / 9P
Monolithic 2Amp DC-DC Step-Down Regulator
logo
Elantec Semiconductor
EL7562C ELANTEC-EL7562C Datasheet
241Kb / 10P
Monolithic 2 Amp DC:DC Step-down Regulator
More results


Similar Description - EL7562

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7554 INTERSIL-EL7554 Datasheet
499Kb / 14P
Monolithic 4 Amp DC-DC Step-Down Regulator
January 31, 2005
EL7564 INTERSIL-EL7564 Datasheet
644Kb / 17P
Monolithic 4 Amp DC/DC Step-Down Regulator
May 9, 2005
EL7566 INTERSIL-EL7566_06 Datasheet
399Kb / 14P
Monolithic 6A DC/DC Step-Down Regulator
EL7562 INTERSIL-EL7562_06 Datasheet
162Kb / 9P
Monolithic 2Amp DC-DC Step-Down Regulator
May 1, 2006
EL7554 INTERSIL-EL7554_06 Datasheet
404Kb / 14P
Monolithic 4 Amp DC-DC Step-Down Regulator
May 8, 2006
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
Monolithic 4A DC/DC Step-Down Regulator
EL7562 RENESAS-EL7562 Datasheet
470Kb / 9P
Monolithic 2Amp DC-DC Step-Down Regulator
EL7563 RENESAS-EL7563 Datasheet
861Kb / 16P
Monolithic 4 Amp DC/DC Step-Down Regulator
EL7564 RENESAS-EL7564 Datasheet
875Kb / 17P
Monolithic 4 Amp DC/DC Step-Down Regulator
EL7566 RENESAS-EL7566 Datasheet
751Kb / 14P
Monolithic 6A DC/DC Step-Down Regulator
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com