Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7563 Datasheet (PDF) - Renesas Technology Corp

EL7563 Datasheet PDF - Renesas Technology Corp
Part # EL7563
Download  EL7563 Download
File Size   861.44 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Monolithic 4 Amp DC/DC Step-Down Regulator

EL7563 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7563 Datasheet PDF - Renesas Technology Corp

Part # EL7563
Download  EL7563 Click to download

File Size   861.44 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Monolithic 4 Amp DC/DC Step-Down Regulator

EL7563 Datasheet (HTML) - Renesas Technology Corp


EL7563 Product details

Monolithic 4 Amp DC/DC Step-Down Regulator

The EL7563 is an integrated, full-featured synchronous stepdown regulator with output voltage adjustable from 1.0V to 2.5V. It is capable of delivering 4A continuous current at up to 95% efficiency. The EL7563 operates at a constant frequency pulse width modulation (PWM) mode, making external synchronization possible. Patented on-chip resistorless current sensing enables current mode control, which provides cycle-by-cycle current limiting, over-current protection, and excellent step load response. The EL7563 features power tracking, which makes the start-up sequencing of multiple converters possible. A junction temperature indicator conveniently monitors the silicon die temperature, saving the designer time on the tedious thermal characterization. The minimal external components and full functionality make this EL7563 ideal for desktop and portable applications.

Features
• Integrated synchronous MOSFETs and current mode controller
• 4A continuous output current
• Up to 95% efficiency
• Internal patented current sense
• Cycle-by-cycle current limit
• 3V to 3.6V input voltage
• Adjustable output voltage 1V to 2.5V
• Precision reference
• ±0.5% load and line regulation
• Adjustable switching frequency to 1MHz
• Oscillator synchronization possible
• Internal soft-start
• Over-voltage protection
• Junction temperature indicator
• Over-temperature protection
• Under-voltage lockout
• Multiple supply start-up tracking
• Power-good indicator
• 20-pin SO (0.300”) package
• 28-pin HTSSOP package
• Pb-Free available (RoHS compliant)

Applications
• DSP, CPU core, and I/O supplies
• Logic/Bus supplies
• Portable equipment
• DC/DC converter modules
• GTL + Bus power supply




Similar Part No. - EL7563

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7563 INTERSIL-EL7563 Datasheet
635Kb / 16P
Monolithic 4 Amp DC:DC Step-Down Regulator
May 13, 2005
logo
Elantec Semiconductor
EL7563C ELANTEC-EL7563C Datasheet
1Mb / 18P
Monolithic 4 Amp DC:DC Step-down Regulator
EL7563CM ELANTEC-EL7563CM Datasheet
1Mb / 18P
Monolithic 4 Amp DC:DC Step-down Regulator
logo
Intersil Corporation
EL7563CM INTERSIL-EL7563CM Datasheet
635Kb / 16P
Monolithic 4 Amp DC:DC Step-Down Regulator
May 13, 2005
logo
Elantec Semiconductor
EL7563CM-T13 ELANTEC-EL7563CM-T13 Datasheet
1Mb / 18P
Monolithic 4 Amp DC:DC Step-down Regulator
More results


Similar Description - EL7563

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7566 INTERSIL-EL7566 Datasheet
490Kb / 14P
Monolithic 6 Amp DC-DC Step-Down Regulator
December 1, 2004
EL7554 INTERSIL-EL7554 Datasheet
499Kb / 14P
Monolithic 4 Amp DC-DC Step-Down Regulator
January 31, 2005
EL7562 INTERSIL-EL7562 Datasheet
246Kb / 9P
Monolithic 2Amp DC-DC Step-Down Regulator
April 30, 2004
EL7564 INTERSIL-EL7564 Datasheet
644Kb / 17P
Monolithic 4 Amp DC/DC Step-Down Regulator
May 9, 2005
EL7566 INTERSIL-EL7566_06 Datasheet
399Kb / 14P
Monolithic 6A DC/DC Step-Down Regulator
EL7562 INTERSIL-EL7562_06 Datasheet
162Kb / 9P
Monolithic 2Amp DC-DC Step-Down Regulator
May 1, 2006
EL7554 INTERSIL-EL7554_06 Datasheet
404Kb / 14P
Monolithic 4 Amp DC-DC Step-Down Regulator
May 8, 2006
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
Monolithic 4A DC/DC Step-Down Regulator
EL7562 RENESAS-EL7562 Datasheet
470Kb / 9P
Monolithic 2Amp DC-DC Step-Down Regulator
EL7564 RENESAS-EL7564 Datasheet
875Kb / 17P
Monolithic 4 Amp DC/DC Step-Down Regulator
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com