Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7562 Datasheet (PDF) - Renesas Technology Corp

EL7562 Datasheet PDF - Renesas Technology Corp
Part # EL7562
Download  EL7562 Download
File Size   470.97 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Monolithic 2Amp DC-DC Step-Down Regulator

EL7562 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7562 Datasheet PDF - Renesas Technology Corp

Part # EL7562
Download  EL7562 Click to download

File Size   470.97 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Monolithic 2Amp DC-DC Step-Down Regulator

EL7562 Datasheet (HTML) - Renesas Technology Corp


EL7562 Product details

Monolithic 2Amp DC-DC Step-Down Regulator

The EL7562 is an integrated, synchronous step-down regulator with output voltage adjustable from 1.0V to 3.8V. It is capable of delivering 2A continuous current at up to 95% efficiency. The EL7562 operates at a constant frequency pulse width modulation (PWM) mode, making external synchronization possible. Patented on-chip resistorless current sensing enables current mode control, which provides cycle-by-cycle current limiting, over-current protection, and excellent step load response. The EL7562 is available in a fused-lead 16 Ld QSOP package. With proper external components, the whole converter fits into a less than 0.5 in2 area. The minimal external components and small size make this EL7562 ideal for desktop and portable applications.

Features
• Integrated synchronous MOSFETs and current mode controller
• 2A continuous output current
• Up to 95% efficiency
• 3.3V or 5V nominal input voltage
• Adjustable output from 1V to 3.8V
• Cycle-by-cycle current limit
• Precision reference
• ±0.5% load and line regulation
• Adjustable switching frequency to 1MHz
• Oscillator synchronization possible
• Internal soft-start
• Over-temperature protection
• Under-voltage lockout
• 16 Ld QSOP package
• Pb-free plus anneal available (RoHS compliant)

Applications
• DSP, CPU core and IO supplies
• Logic/Bus supplies
• Portable equipment
• DC-DC converter modules
• GTL + Bus power supply




Similar Part No. - EL7562

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7562 ELANTEC-EL7562 Datasheet
241Kb / 10P
Monolithic 2 Amp DC:DC Step-down Regulator
logo
Intersil Corporation
EL7562 INTERSIL-EL7562 Datasheet
246Kb / 9P
Monolithic 2Amp DC-DC Step-Down Regulator
April 30, 2004
EL7562 INTERSIL-EL7562 Datasheet
635Kb / 7P
The EL7562 is a Buck (Step Down) DC:DC controller with integrated synchronous MOSFETs in a 16-pin QSOP package.
June 20, 2002
EL7562 INTERSIL-EL7562 Datasheet
162Kb / 9P
Monolithic 2Amp DC-DC Step-Down Regulator
May 1, 2006
logo
Elantec Semiconductor
EL7562C ELANTEC-EL7562C Datasheet
241Kb / 10P
Monolithic 2 Amp DC:DC Step-down Regulator
More results


Similar Description - EL7562

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7554 INTERSIL-EL7554 Datasheet
499Kb / 14P
Monolithic 4 Amp DC-DC Step-Down Regulator
January 31, 2005
EL7562 INTERSIL-EL7562 Datasheet
246Kb / 9P
Monolithic 2Amp DC-DC Step-Down Regulator
April 30, 2004
EL7564 INTERSIL-EL7564 Datasheet
644Kb / 17P
Monolithic 4 Amp DC/DC Step-Down Regulator
May 9, 2005
EL7566 INTERSIL-EL7566_06 Datasheet
399Kb / 14P
Monolithic 6A DC/DC Step-Down Regulator
EL7562 INTERSIL-EL7562_06 Datasheet
162Kb / 9P
Monolithic 2Amp DC-DC Step-Down Regulator
May 1, 2006
EL7554 INTERSIL-EL7554_06 Datasheet
404Kb / 14P
Monolithic 4 Amp DC-DC Step-Down Regulator
May 8, 2006
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
Monolithic 4A DC/DC Step-Down Regulator
EL7563 RENESAS-EL7563 Datasheet
861Kb / 16P
Monolithic 4 Amp DC/DC Step-Down Regulator
EL7564 RENESAS-EL7564 Datasheet
875Kb / 17P
Monolithic 4 Amp DC/DC Step-Down Regulator
EL7566 RENESAS-EL7566 Datasheet
751Kb / 14P
Monolithic 6A DC/DC Step-Down Regulator
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com