Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7563C Datasheet (PDF) - Elantec Semiconductor

EL7563C Datasheet PDF - Elantec Semiconductor
Part # EL7563C
Download  EL7563C Download
File Size   1241.58 Kbytes
Page   18 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Monolithic 4 Amp DC:DC Step-down Regulator

EL7563C Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7563C Datasheet PDF - Elantec Semiconductor

Part # EL7563C
Download  EL7563C Click to download

File Size   1241.58 Kbytes
Page   18 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Monolithic 4 Amp DC:DC Step-down Regulator

EL7563C Datasheet (HTML) - Elantec Semiconductor


EL7563C Product details

General Description
The EL7563C is an integrated, full-featured synchronous step-down regulator with output voltage adjustable from 1.0V to 2.5V. It is capable of delivering 4A continuous current at up to 95% efficiency. The EL7563C operates at a constant frequency pulse width modulation (PWM) mode, making external synchronization possible. Patented onchip resistorless current sensing enables current mode control, which provides cycle-by-cycle current limiting, over-current protection, and excellent step load response. The EL7563C features power tracking, which makes the start-up sequencing of multiple converters possible. A junction temperature indicator conveniently monitors the silicon die temperature, saving the designer time on the tedious thermal characterization. The minimal external components and full functionality make this EL7563C ideal for desktop and portable applications.

Features
• Integrated synchronous MOSFETs and current mode controller
• 4A continuous output current
• Up to 95% efficiency
• Internal patented current sense
• Cycle-by-cycle current limit
• 3V to 3.6V input voltage
• Adjustable output voltage 1V to 2.5V
• Precision reference
• ±0.5% load and line regulation
• Adjustable switching frequency to 1MHz
• Oscillator synchronization possible
• Internal soft-start
• Over-voltage protection
• Junction temperature indicator
• Over-temperature protection
• Under-voltage lockout
• Multiple supply start-up tracking
• Power-good indicator
• 20-pin SO (0.300”) package
• 28-pin HTSSOP package

Applications
• DSP, CPU Core, and I/O Supplies
• Logic/Bus supplies
• Portable equipment
• DC:DC converter modules
• GTL + Bus power supply




Similar Part No. - EL7563C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7563CM INTERSIL-EL7563CM Datasheet
635Kb / 16P
Monolithic 4 Amp DC:DC Step-Down Regulator
May 13, 2005
logo
Renesas Technology Corp
EL7563CM RENESAS-EL7563CM Datasheet
861Kb / 16P
Monolithic 4 Amp DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7563CM-T13 INTERSIL-EL7563CM-T13 Datasheet
635Kb / 16P
Monolithic 4 Amp DC:DC Step-Down Regulator
May 13, 2005
EL7563CMZ INTERSIL-EL7563CMZ Datasheet
635Kb / 16P
Monolithic 4 Amp DC:DC Step-Down Regulator
May 13, 2005
logo
Renesas Technology Corp
EL7563CMZ RENESAS-EL7563CMZ Datasheet
861Kb / 16P
Monolithic 4 Amp DC/DC Step-Down Regulator
More results


Similar Description - EL7563C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7551C ELANTEC-EL7551C Datasheet
260Kb / 11P
Monolithic 1 Amp DC:DC Step-down Regulator
EL7562C ELANTEC-EL7562C Datasheet
241Kb / 10P
Monolithic 2 Amp DC:DC Step-down Regulator
EL7564C ELANTEC-EL7564C Datasheet
1Mb / 18P
Monolithic 4 Amp DC:DC Step-down Regulator
logo
Intersil Corporation
EL7563 INTERSIL-EL7563 Datasheet
635Kb / 16P
Monolithic 4 Amp DC:DC Step-Down Regulator
May 13, 2005
EL7551 INTERSIL-EL7551 Datasheet
149Kb / 9P
Monolithic 1Amp DC:DC Step-down Regulator
January 24, 2002
EL7551 INTERSIL-EL7551_06 Datasheet
173Kb / 9P
Monolithic 1Amp DC:DC Step-down Regulator
March 21, 2006
EL7554 INTERSIL-EL7554_06 Datasheet
404Kb / 14P
Monolithic 4 Amp DC-DC Step-Down Regulator
May 8, 2006
logo
Renesas Technology Corp
EL7551 RENESAS-EL7551 Datasheet
493Kb / 9P
Monolithic 1Amp DC:DC Step-down Regulator
EL7563 RENESAS-EL7563 Datasheet
861Kb / 16P
Monolithic 4 Amp DC/DC Step-Down Regulator
EL7564 RENESAS-EL7564 Datasheet
875Kb / 17P
Monolithic 4 Amp DC/DC Step-Down Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com