Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7564C Datasheet (PDF) - Elantec Semiconductor

EL7564C Datasheet PDF - Elantec Semiconductor
Part # EL7564C
Download  EL7564C Download
File Size   1196.6 Kbytes
Page   18 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Monolithic 4 Amp DC:DC Step-down Regulator

EL7564C Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7564C Datasheet PDF - Elantec Semiconductor

Part # EL7564C
Download  EL7564C Click to download

File Size   1196.6 Kbytes
Page   18 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Monolithic 4 Amp DC:DC Step-down Regulator

EL7564C Datasheet (HTML) - Elantec Semiconductor


EL7564C Product details

General Description
The EL7564C is an integrated, full-featured synchronous step-down regulator with output voltage adjustable from 1.0V to 3.8V. It is capable of delivering 4A continuous current at up to 95% efficiency. The EL7564C operates at a constant frequency pulse width modulation (PWM) mode, making external synchronization possible.

Features
• Integrated synchronous MOSFETs and current mode controller
• 4A continuous output current
• Up to 95% efficiency
• 4.5V to 5.5V input voltage
• Adjustable output from 1V to 3.8V
• Cycle-by-cycle current limit
• Precision reference
• ±0.5% load and line regulation
• Adjustable switching frequency to 1MHz
• Oscillator synchronization possible
• Internal soft start
• Over voltage protection
• Junction temperature indicator
• Over temperature protection
• Under voltage lockout
• Multiple supply start-up tracking
• Power good indicator
• 20-pin SO (0.300”) package
• 28-pin HTSSOP package

Applications
• DSP, CPU Core and IO Supplies
• Logic/Bus Supplies
• Portable Equipment
• DC:DC Converter Modules
• GTL + Bus Power Supply




Similar Part No. - EL7564C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7564CM INTERSIL-EL7564CM Datasheet
644Kb / 17P
Monolithic 4 Amp DC/DC Step-Down Regulator
May 9, 2005
logo
Renesas Technology Corp
EL7564CM RENESAS-EL7564CM Datasheet
875Kb / 17P
Monolithic 4 Amp DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7564CM-T13 INTERSIL-EL7564CM-T13 Datasheet
644Kb / 17P
Monolithic 4 Amp DC/DC Step-Down Regulator
May 9, 2005
logo
Renesas Technology Corp
EL7564CM-T13 RENESAS-EL7564CM-T13 Datasheet
875Kb / 17P
Monolithic 4 Amp DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7564CMZ INTERSIL-EL7564CMZ Datasheet
644Kb / 17P
Monolithic 4 Amp DC/DC Step-Down Regulator
May 9, 2005
More results


Similar Description - EL7564C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7551C ELANTEC-EL7551C Datasheet
260Kb / 11P
Monolithic 1 Amp DC:DC Step-down Regulator
EL7562C ELANTEC-EL7562C Datasheet
241Kb / 10P
Monolithic 2 Amp DC:DC Step-down Regulator
EL7563C ELANTEC-EL7563C Datasheet
1Mb / 18P
Monolithic 4 Amp DC:DC Step-down Regulator
logo
Intersil Corporation
EL7563 INTERSIL-EL7563 Datasheet
635Kb / 16P
Monolithic 4 Amp DC:DC Step-Down Regulator
May 13, 2005
EL7551 INTERSIL-EL7551 Datasheet
149Kb / 9P
Monolithic 1Amp DC:DC Step-down Regulator
January 24, 2002
EL7551 INTERSIL-EL7551_06 Datasheet
173Kb / 9P
Monolithic 1Amp DC:DC Step-down Regulator
March 21, 2006
EL7554 INTERSIL-EL7554_06 Datasheet
404Kb / 14P
Monolithic 4 Amp DC-DC Step-Down Regulator
May 8, 2006
logo
Renesas Technology Corp
EL7551 RENESAS-EL7551 Datasheet
493Kb / 9P
Monolithic 1Amp DC:DC Step-down Regulator
EL7563 RENESAS-EL7563 Datasheet
861Kb / 16P
Monolithic 4 Amp DC/DC Step-Down Regulator
EL7564 RENESAS-EL7564 Datasheet
875Kb / 17P
Monolithic 4 Amp DC/DC Step-Down Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com