Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR121AUJZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADR121AUJZ-R2
Description  Precision, Micropower LDO Voltage References in TSOT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR121AUJZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADR121AUJZ-R2 Datasheet HTML 4Page - Analog Devices ADR121AUJZ-R2 Datasheet HTML 5Page - Analog Devices ADR121AUJZ-R2 Datasheet HTML 6Page - Analog Devices ADR121AUJZ-R2 Datasheet HTML 7Page - Analog Devices ADR121AUJZ-R2 Datasheet HTML 8Page - Analog Devices ADR121AUJZ-R2 Datasheet HTML 9Page - Analog Devices ADR121AUJZ-R2 Datasheet HTML 10Page - Analog Devices ADR121AUJZ-R2 Datasheet HTML 11Page - Analog Devices ADR121AUJZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADR121/ADR125/ADR127
Rev. 0 | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
1.256
1.244
–40
125
TEMPERATURE (°C)
1.246
1.248
1.250
1.252
1.254
–25 –10
5
20
35
50
65
80
95
110
Figure 2. ADR127 VOUT vs. Temperature
2.510
2.490
–40
125
TEMPERATURE (°C)
2.492
2.494
2.496
2.498
2.500
2.502
2.504
2.506
2.508
–25 –10
5
203550
658095
110
Figure 3. ADR121 VOUT vs. Temperature
5.020
4.980
–40
125
TEMPERATURE (°C)
–25 –10
5
203550
658095
110
4.985
4.990
4.995
5.000
5.005
5.010
5.015
Figure 4. ADR125 VOUT vs. Temperature
5
0
–50
50
TEMPERATURE COEFFICIENT (ppm/°C)
1
2
3
4
–40
–30
–20
–10
0
10203040
Figure 5. ADR127 Temperature Coefficient
5
0
–50
50
TEMPERATURE COEFFICIENT (ppm/°C)
1
2
3
4
–40
–30
–20
–10
0
10203040
Figure 6. ADR125 Temperature Coefficient
5
0
–50
50
TEMPERATURE COEFFICIENT (ppm/°C)
1
2
3
4
–40
–30
–20
–10
0
10203040
Figure 7. ADR121 Temperature Coefficient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com