Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR121AUJZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # ADR121AUJZ-R2
Description  Precision, Micropower LDO Voltage References in TSOT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR121AUJZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADR121AUJZ-R2 Datasheet HTML 5Page - Analog Devices ADR121AUJZ-R2 Datasheet HTML 6Page - Analog Devices ADR121AUJZ-R2 Datasheet HTML 7Page - Analog Devices ADR121AUJZ-R2 Datasheet HTML 8Page - Analog Devices ADR121AUJZ-R2 Datasheet HTML 9Page - Analog Devices ADR121AUJZ-R2 Datasheet HTML 10Page - Analog Devices ADR121AUJZ-R2 Datasheet HTML 11Page - Analog Devices ADR121AUJZ-R2 Datasheet HTML 12Page - Analog Devices ADR121AUJZ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADR121/ADR125/ADR127
Rev. 0 | Page 9 of 20
3.0
2.0
–2
–1
01
23
45
LOAD CURRENT (mA)
2.2
2.4
2.6
2.8
+125°C
–40°C
+25°C
Figure 8. ADR127 Minimum Input Voltage vs. Load Current
3.5
2.5
–2
–1
01
23
45
LOAD CURRENT (mA)
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
–40°C
+25°C
+125°C
Figure 9. ADR121 Minimum Input Voltage vs. Load Current
6.2
5.0
–2
–1
01
23
45
LOAD CURRENT (mA)
+25°C
+125°C
5.2
5.4
5.6
5.8
6.0
–40°C
Figure 10. ADR125 Minimum Input Voltage vs. Load Current
120
0
21
INPUT VOLTAGE (V)
8
20
40
60
80
100
3
4
5
6
7
8
9 10111213141516 17
+25°C
–40°C
+125°C
Figure 11. ADR127 Supply Current vs. Input Voltage
120
0
21
INPUT VOLTAGE (V)
8
20
40
60
80
100
3
4
5
6
7
8
9 1011121314 151617
+25°C
–40°C
+125°C
Figure 12. ADR121 Supply Current vs. Input Voltage
120
0
51
INPUT VOLTAGE (V)
8
20
40
60
80
100
6
7
8
9
10111213
141516
17
+25°C
–40°C
+125°C
Figure 13. ADR125 Supply Current vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com