Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-1981BL Datasheet(PDF) 23 Page - Analog Devices

Part # ADSP-1981BL
Description  AC 97 SoundMAX Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-1981BL Datasheet(HTML) 23 Page - Analog Devices

Back Button ADSP-1981BL Datasheet HTML 19Page - Analog Devices ADSP-1981BL Datasheet HTML 20Page - Analog Devices ADSP-1981BL Datasheet HTML 21Page - Analog Devices ADSP-1981BL Datasheet HTML 22Page - Analog Devices ADSP-1981BL Datasheet HTML 23Page - Analog Devices ADSP-1981BL Datasheet HTML 24Page - Analog Devices ADSP-1981BL Datasheet HTML 25Page - Analog Devices ADSP-1981BL Datasheet HTML 26Page - Analog Devices ADSP-1981BL Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
AD1981BL
Rev. A | Page 23 of 32
Bit
Mnemonic
Function
SPCV
SPDIF Configuration Valid
(Read-Only)
This bit indicates the status of the SPDIF transmitter subsystem, enabling the driver to
determine if the currently programmed SPDIF configuration is supported. SPCV is always valid,
independent of the SPDIF enable bit status.
SPCV = 0 indicates that the current SPDIF configuration (SPSA, SPSR, DAC slot rate, DRS) is not
valid (not supported).
SPCV = 1 indicates that the current SPDIF configuration (SPSA, SPSR, DAC slot rate, DRS) is valid
(supported).
VFORCE
Validity Force Bit
(Reset Default = 0)
When asserted, this bit forces the SPDIF stream validity flag (Bit 28 within each SPDIF L/R
subframe) to be controlled by the V bit (D15) in Register 0x3A (SPDIF control register).
VFORCE = 0 and V = 0; the validity bit is managed by the codec error detection logic.
VFORCE = 0 and V = 1; the validity bit is forced high, indicating the subframe data is invalid.
VFORCE = 1 and V = 0; the validity bit is forced low, indicating the subframe data is valid.
VFORCE = 1 and V = 1; the validity bit is forced high, indicating the subframe data is invalid.
Table 32. AC ’97 2.2 AMAP-Compliant Default SPDIF Slot Assignments
Codec ID
Function
SPSA = 00
SPSA = 01
SPSA = 10
SPSA = 11
00
2-Channel Primary w/SPDIF
3 and 4
7 and 8 (default)
6 and 9
10 and 11
00
4-Channel Primary w/SPDIF
3 and 4
7 and 8
6 and 9 (default)
10 and 11
00
6-Channel Primary w/SPDIF
3 and 4
7 and 8
6 and 9
10 and 11 (default)
01
+2-Channel Secondary w/SPDIF
3 and 4
7 and 8
6 and 9 (default)
01
+4-Channel Secondary w/SPDIF
3 and 4
7 and 8
6 and 9
10 and 11 (default)
10
+2-Channel Secondary w/SPDIF
3 and 4
7 and 8
6 and 9 (default)
10
+4-Channel Secondary w/SPDIF
3 and 4
7 and 8
6 and 9
10 and 11 (default)
11
+2-Channel Secondary w/SPDIF
3 and 4
7 and 8
6 and 9
10 and 11 (default)
PCM FRONT DAC RATE REGISTER
Index 0x2C
Reg
No.
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x2C
PCM
Front
DAC
Rate
SRF15
SRF14
SRF13
SRF12
SRF11
SRF10
SRF9
SRF8
SRF7
SRF6
SRF5
SRF4
SRF3
SRF2
SRF1
SRF0
0xBB80
This read/write sample rate control register contains a 16-bit unsigned value, representing the rate of operation in Hz.
Table 33.
Bit
Mnemonic
Function
SRF [15:0]
Sample Rate
The sampling frequency range is from 7 kHz (0x1B58) to 48 kHz (0xBB80) in 1 Hz increments. If 0 is written to
VRA, the sample rate is reset to 48 kHz.
PCM ADC RATE REGISTER
Index 0x32
Reg
No.
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x32
PCM L/R
ADC
Rate
SRA15
SRA14
SRA13
SRA12
SRA11
SRA10
SRA9
SRA8
SRA7
SRA6
SRA5
SRA4
SRA3
SRA2
SRA1
SRA0
0xBB80
This read/write sample rate control register contains a 16-bit unsigned value, representing the rate of operation in Hz.
Table 34.
Bit
Mnemonic
Function
SRA [15:0]
Sample Rate
The sampling frequency range is from 7 kHz (0x1B58) to 48 kHz (0xBB80) in 1 Hz increments. If 0 is written to
VRA, the sample rate is reset to 48 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com