Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-1981BL Datasheet(PDF) 25 Page - Analog Devices

Part # ADSP-1981BL
Description  AC 97 SoundMAX Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-1981BL Datasheet(HTML) 25 Page - Analog Devices

Back Button ADSP-1981BL Datasheet HTML 21Page - Analog Devices ADSP-1981BL Datasheet HTML 22Page - Analog Devices ADSP-1981BL Datasheet HTML 23Page - Analog Devices ADSP-1981BL Datasheet HTML 24Page - Analog Devices ADSP-1981BL Datasheet HTML 25Page - Analog Devices ADSP-1981BL Datasheet HTML 26Page - Analog Devices ADSP-1981BL Datasheet HTML 27Page - Analog Devices ADSP-1981BL Datasheet HTML 28Page - Analog Devices ADSP-1981BL Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
AD1981BL
Rev. A | Page 25 of 32
Bit
Mnemonic
Function
biquad 1 coef a2 BCA[5:0] = 011110
biquad 1 coef b1 BCA[5:0] = 100010
biquad 1 coef b2 BCA[5:0] = 100001
biquad 2 coef a0 BCA[5:0] = 100101
biquad 2 coef a1 BCA[5:0] = 100100
biquad 2 coef a2 BCA[5:0] = 100011
biquad 2 coef b1 BCA[5:0] = 100111
biquad 2 coef b2 BCA[5:0] = 100110
biquad 3 coef a0 BCA[5:0] = 101010
biquad 3 coef a1 BCA[5:0] = 101001
biquad 3 coef a2 BCA[5:0] = 101000
biquad 3 coef b1 BCA[5:0] = 101100
biquad 3 coef b2 BCA[5:0] = 101011
biquad 4 coef a0 BCA[5:0] = 101111
biquad 4 coef a1 BCA[5:0] = 101110
biquad 4 coef a2 BCA[5:0] = 101101
biquad 4 coef b1 BCA[5:0] = 110001
biquad 4 coef b2 BCA[5:0] = 110000
biquad 5 coef a0 BCA[5:0] = 110100
biquad 5 coef a1 BCA[5:0] = 110011
biquad 5 coef a2 BCA[5:0] = 110010
biquad 5 coef b1 BCA[5:0] = 110110
biquad 5 coef b2 BCA[5:0] = 110101
biquad 6 coef a0 BCA[5:0] = 111001
biquad 6 coef a1 BCA[5:0] = 111000
biquad 6 coef a2 BCA[5:0] = 110111
biquad 6 coef b1 BCA[5:0] = 111011
biquad 6 coef b2 BCA[5:0] = 111010
CHS
Channel Select
CHS = 0 selects the left-channel coefficient’s data block.
CHS = 1 selects the right-channel coefficient’s data block.
SYM
Symmetry
When set to 1, this bit indicates that the left- and right-channel coefficients are equal. This
shortens the coefficients’ setup sequence, because only the left-channel coefficients need to be
addressed and set up. The right-channel coefficients are fetched from the left-channel memory.
MAD
LBEN
Mixer ADC Loopback
Enable
Enables mixer ADC data to be summed into the PCM stream.
0 = No loopback allowed (default).
1 = Enable loopback.
EQM
Equalizer Mute
When set to 1, this bit disables the equalizer function (allows all data to pass through). The reset
default sets this bit to 1, disabling the equalizer function until the biquad coefficients can be
properly set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com