Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1981HD Datasheet(PDF) 7 Page - Analog Devices

Part # AD1981HD
Description  HD Audio SoundMAX Codec
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981HD Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1981HD Datasheet HTML 3Page - Analog Devices AD1981HD Datasheet HTML 4Page - Analog Devices AD1981HD Datasheet HTML 5Page - Analog Devices AD1981HD Datasheet HTML 6Page - Analog Devices AD1981HD Datasheet HTML 7Page - Analog Devices AD1981HD Datasheet HTML 8Page - Analog Devices AD1981HD Datasheet HTML 9Page - Analog Devices AD1981HD Datasheet HTML 10Page - Analog Devices AD1981HD Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD1981HD
Rev. 0 | Page 7 of 16
ABSOLUTE MAXIMUM RATINGS
Table 13.
Power Supply
Min
Max
Unit
Digital (DVDD)
−0.3
+3.6
V
Analog (AVDD)
−0.3
+6.0
V
Input Current (Except Supply Pins)
±10.0
mA
Analog Input Voltage (Signal Pins)
−0.3
AVDD + 0.3
V
Digital Input Voltage (Signal Pins)
−0.3
DVDD + 0.3
V
Ambient Temperature (Operating)
Commercial
0°C
70°C
°C
Industrial
–40°C
+85°C
°C
Storage Temperature
−65°C
+150°C
°C
Stresses greater than those listed under Absolute Maximum
Ratings may cause permanent damage to the device. This is a
stress rating only; functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ENVIRONMENTAL CONDITIONS
Ambient Temperature Rating
TAMB = TCASE − (PD × θCA)
where:
TCASE is the case temperature in °C
PD is the power dissipation in W
θCA is the thermal resistance (case-to-ambient)
Table 14. Thermal Resistance
Package
θJA1
θJC2
θCA
LQFP
76.2°C/W
17°C/W
59.2°C/W
1 θJA is the thermal resistance (junction-to-ambient).
2 θJC is the thermal resistance (junction-to-case).
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com