Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1981HD Datasheet(PDF) 11 Page - Analog Devices

Part # AD1981HD
Description  HD Audio SoundMAX Codec
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981HD Datasheet(HTML) 11 Page - Analog Devices

Back Button AD1981HD Datasheet HTML 7Page - Analog Devices AD1981HD Datasheet HTML 8Page - Analog Devices AD1981HD Datasheet HTML 9Page - Analog Devices AD1981HD Datasheet HTML 10Page - Analog Devices AD1981HD Datasheet HTML 11Page - Analog Devices AD1981HD Datasheet HTML 12Page - Analog Devices AD1981HD Datasheet HTML 13Page - Analog Devices AD1981HD Datasheet HTML 14Page - Analog Devices AD1981HD Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD1981HD
Rev. 0 | Page 11 of 16
Table 21. Root and Function Node Parameters
NID
Name
Type
ID
Vendor ID
PID 001
Revision ID
PID 02
Sub Node Count
PID 04
Function Group Type
PID 05
Audio F.G. Caps
PID 08
GPIO Caps
PID 11
00
ROOT
X
11D41981
00100200
00010001
01
FUNCTION
X
0002001E
00000001
00010C0C
40000004
1 PID = parameter ID.
Table 22. Widget Parameters
Widget
Caps
PCM Size,
Rate
Stream
Format
Pin
Caps
Input
Amp
Caps
Con. List
Len
Power
States
Processing
Caps
Output
Amp Caps
Vendor-
Specific
NID Name
PID 091
PID 0A
PID 0B
PID 0C
PID 0D
PID 0E
PID 0F
PID 10
PID 12
PID F0
00
ROOT
01
FUNCTION
000E007F 00000001
00270300
00000009
80053F3D 00000004
02
S/PDIF
00030311 00020060 00000005
00000002
03
Front DAC
00000441 000E007F 00000001
00000000 00000009 00004601
00000010
04
Record ADC
00100511 0006007F 00000001
00000001 00000009
05
Port-D (Line Out)
00400187
0001173F 00270300 00000002
80053F3D 00000008
06
Port-A (Headphone Out)
00400185
0000001F
00000002
80053F3D 00000008
07
MONO_OUT
00400104
00000010
00000001
80053F3D
08
Port-B (Front Microphone) 00400083
00001727 00270300 00000000
00000008
09
Port-C (Line In)
00400187
00001737 00270300 00000002
80053F3D 00000008
0A
S/PDIF_OUT
00400301
00000010
00000001
0B
Monaural Selector
00300101
00000006
0C
Microphone Mixer
00200101
00000002
0D
PC Beep Selector
0030010C
00000002
800B0F0F
0E
Analog Mixer
00200101
00000008
0F
Monaural Mixer
00200100
00000001
10
Digital PC Beep
00700000
00000000
11
Front Mix Amp
0030010D
00000001
80051F17
12
Port-B Mix Amp
0030010D
00000001
80051F17
13
Port-C Mix Amp
0030010D
00000001
80051F17
14
Analog Power-Down
00500500
00000006 00000009
15
Record Selector
0030010D
00000008
80050F00
16
PC Beep In
00400000
00000020
00000000
17
Port-E (Aux In)
00400081
00000027
00000000
00000008
18
Port-F (Rear Microphone)
00400187
00001737 00270300 00000002
80053F3D 00000008
19
CD In
00400001
00000020
00000000
1A
Port-D Mix Amp
0030010D
00000001
80051F17
1B
Port-E Mix Amp
0030010D
00000001
80051F17
1C
Port-F Mix Amp
0030010D
00000001
80051F17
1D
CD Mix Amp
0030010D
00000001
80051F17
1E
Front Microphone Mute
0030010D
00000001
80000000
1F
Rear Microphone Mute
0030010D
00000001
80000000
1 PID = parameter ID.
Default SSID: BFD10000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com