Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5360 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5360
Description  16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5360 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5360 Datasheet HTML 17Page - Analog Devices AD5360 Datasheet HTML 18Page - Analog Devices AD5360 Datasheet HTML 19Page - Analog Devices AD5360 Datasheet HTML 20Page - Analog Devices AD5360 Datasheet HTML 21Page - Analog Devices AD5360 Datasheet HTML 22Page - Analog Devices AD5360 Datasheet HTML 23Page - Analog Devices AD5360 Datasheet HTML 24Page - Analog Devices AD5360 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Preliminary Technical Data
AD5360/AD5361
Rev. P
rF | Page 21 of 25
Table 14. Special Function Codes
SPECIAL FUNCTION CODE
DATA
S5
S4
S3
S2
S1
S0
F15-F0
ACTION
0
0
0
0
0
0
0000 0000 0000 0000
NOP
0
0
0
0
0
1
XXXX XXXX XXX[F4:F0]
Write control register
F4 = 1
Overtemperature; F4 = 0
Temp OK (Read-only bit)
F3 = 1
PEC error; F3 = 0
PEC OK (Read-only bit)
F2 = 1
Select B register for input;
F2 = 0
Select A register for input
F1 = 1
Enable temperature shutdown;
F1 = 0
Disable temperature shutdown
F0 = 1
Soft power down; F0 = 0
Soft power up
0
0
0
0
1
0
[F13:F0]
Write data in F13:F0 to OFS0 register
0
0
0
0
1
1
[F13:F0]
Write data in F13:F0 to OFS1 register
0
0
0
1
0
1
See
Table 15
Select register for readback
0
0
0
1
1
0
XXXX XXXX[F7:F0]
Write data in F7:F0 to A/B Select Register 0
0
0
0
1
1
1
XXXX XXXX[F7:F0]
Write data in F7:F0 to A/B Select Register 1
0
0
1
1
0
0
XXXX XXXX XX[F5:F0]
F5 = 1
Monitor enable; F5 = 0
Monitor disable
F4 = 1
Monitor input pin selected by I0
(0 = MON_IN0, 1 = MON_IN1)
F4 = 0
Monitor DAC channel selected by F3:F0
(0000 = channel 0
1111 = channel 15)
0
0
1
1
0
1
XXXX XXXX XXXX XX[F1:F0]
GPIO configure and write
F1 = 1
GPIO is output. Data to output is written to F0
F1 = 0
GPIO is input. Data can be read from F0 on readback
Note. When writing to the offset registers, the 14-bit data is right justified (bits F15 and F14 are don’t care). When writing to the X, M or C registers of the AD5361,
the 14-bit data is left-justified (bits 1 and 0 of the data word are don’t care).
Table 15. Address Codes for Data Readback
F15
F14
F13
F12
F11
F10
F9
F8
F7
REGISTER READ1
0
0
0
X1A Register
0
0
1
X1B Register
0
1
0
C Register
0
1
1
Bits F12 to F7 select channel to be read
back, from Channel 0 = 001000 to
Channel 15 = 010111
M Register
1
0
0
0
0
0
0
0
1
Control Register
1
0
0
0
0
0
0
1
0
OFS0 Data Register
1
0
0
0
0
0
0
1
1
OFS1 Data Register
1
0
0
0
0
0
1
1
0
A/B Select Register 0
1
0
0
0
0
0
1
1
1
A/B Select Register 1
1
0
0
0
0
1
0
1
1
GPIO read (data in F0)2
1F6 to F0 are don’t care for data readback functions except for GPIO read.
2F6 to F0 should be 0 for GPIO read
Table 16. DACs Select by A/B Select Registers
Bits
A/B Select
Register
F7
F6
F5
F4
F3
F2
F1
F0
0
VOUT7
VOUT6
VOUT5
VOUT4
VOUT3
VOUT2
VOUT1
VOUT0
1
VOUT15
VOUT141
VOUT13
VOUT12
VOUT11
VOUT10
VOUT9
VOUT8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com