Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5371BBCZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD5371BBCZ
Description  40-Channel, 14-Bit Serial Input, Voltage-Output DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5371BBCZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5371BBCZ Datasheet HTML 17Page - Analog Devices AD5371BBCZ Datasheet HTML 18Page - Analog Devices AD5371BBCZ Datasheet HTML 19Page - Analog Devices AD5371BBCZ Datasheet HTML 20Page - Analog Devices AD5371BBCZ Datasheet HTML 21Page - Analog Devices AD5371BBCZ Datasheet HTML 22Page - Analog Devices AD5371BBCZ Datasheet HTML 23Page - Analog Devices AD5371BBCZ Datasheet HTML 24Page - Analog Devices AD5371BBCZ Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Preliminary Technical Data
AD5371
Rev. P
rF | Page 22 of 25
Table 14. DACs Select by A/B Select Registers
Bits
A/B Select
Register
F7
F6
F5
F4
F3
F2
F1
F0
0
VOUT7
VOUT6
VOUT5
VOUT4
VOUT3
VOUT2
VOUT1
VOUT0
1
VOUT15
VOUT14
VOUT13
VOUT12
VOUT11
VOUT10
VOUT9
VOUT8
2
VOUT23
VOUT22
VOUT21
VOUT20
VOUT19
VOUT18
VOUT17
VOUT16
3
VOUT31
VOUT30
VOUT29
VOUT28
VOUT27
VOUT26
VOUT25
VOUT24
4
VOUT39
VOUT38
VOUT37
VOUT36
VOUT35
VOUT34
VOUT33
VOUT32
POWER SUPPLY DECOUPLING
In any circuit where accuracy is important, careful considera-
tion of the power supply and ground return layout helps to
ensure the rated performance. The printed circuit board on
which the AD5371 is mounted should be designed so that the
analog and digital sections are separated and confined to
certain areas of the board. If the AD5371 is in a system where
multiple devices require an AGND-to-DGND connection, the
connection should be made at one point only. The star ground
point should be established as close as possible to the device.
For supplies with multiple pins (VSS, VDD, VCC), it is recom-
mended to tie these pins together and to decouple each supply
once.
The AD5371 should have ample supply decoupling of 10 µF in
parallel with 0.1 µF on each supply located as close to the
package as possible, ideally right up against the device. The
10 µF capacitors are the tantalum bead type. The 0.1 µF capaci-
tor should have low effective series resistance (ESR) and
effective series inductance (ESI), such as the common ceramic
types that provide a low impedance path to ground at high
frequent cies, to handle transient currents due to internal logic
switching.
Digital lines running under the device should be avoided,
because these couple noise onto the device. The analog ground
plane should be allowed to run under the AD5371 to avoid
noise coupling. The power supply lines of the AD5371 should
use as large a trace as possible to provide low impedance paths
and reduce the effects of glitches on the power supply line. Fast
switching digital signals should be shielded with digital ground
to avoid radiating noise to other parts of the board, and should
never be run near the reference inputs. It is essential to
minimize noise on all VREF lines.
Avoid crossover of digital and analog signals. Traces on
opposite sides of the board should run at right angles to each
other. This reduces the effects of feedthrough through the
board. A microstrip technique is by far the best, but not always
possible with a double-sided board. In this technique, the
component side of the board is dedicated to ground plane,
while signal traces are placed on the solder side.
As is the case for all thin packages, care must be taken to avoid
flexing the package and to avoid a point load on the surface of
this package during the assembly process.
POWER SUPPLY SEQUENCING
When the supplies are connected to the AD5371 it is important
that the AGND and DGND pins are connected to the relevant
ground plane before the positive or negative supplies are
applied. In most applications this is not an issue as the ground
pins for the power supplies will be connected to the ground pins
of the AD5371 via ground planes. Where the AD5371 is to be
used in a hot-swap card care should be taken to ensure that the
ground pins are connected to the supply grounds before the
positive or negative supplies are connected. This is required to
prevent currents flowing in directions other than towards an
analog or digital ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com