Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5371BBCZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD5371BBCZ
Description  40-Channel, 14-Bit Serial Input, Voltage-Output DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5371BBCZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5371BBCZ Datasheet HTML 17Page - Analog Devices AD5371BBCZ Datasheet HTML 18Page - Analog Devices AD5371BBCZ Datasheet HTML 19Page - Analog Devices AD5371BBCZ Datasheet HTML 20Page - Analog Devices AD5371BBCZ Datasheet HTML 21Page - Analog Devices AD5371BBCZ Datasheet HTML 22Page - Analog Devices AD5371BBCZ Datasheet HTML 23Page - Analog Devices AD5371BBCZ Datasheet HTML 24Page - Analog Devices AD5371BBCZ Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
Preliminary Technical Data
AD5371
Rev. P
rF | Page 24 of 25
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-026-BDD
0.15
0.05
1.45
1.40
1.35
0.20
0.09
0.08 MAX
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
7°
3.5°
0°
TOP VIEW
(PINS DOWN)
1
21
41
40
60
61
80
20
12.00
BSC SQ
0.50
BSC
LEAD PITCH
0.27
0.22
0.17
14.00
BSC SQ
1.60
MAX
0.75
0.60
0.45
VIEW A
PIN 1
Figure 14. 80 Lead Quad Flat Package
(ST-80-1)
Dimensions shown in millimeters
B
C
D
E
F
G
H
J
K
L
M
A
SEATING
PLANE
0.34 NOM
0.29 MIN
DETAILA
0.50*
0.45
0.40
BALL DIAMETER
0.12 MAX
COPLANARITY
0.80 BSC
8.80
BSC
12 11 10 9
8 765 4 32 1
A1 CORNER
INDEX AREA
TOP VIEW
BOTTOM
VIEW
10.00
BSC SQ
BALL A1
PAD CORNER
DETAIL A
2.50 SQ
1.40
1.35
1.20
1.11
1.01
0.91
0.65 REF
*COMPLIANT TO JEDEC STANDARDS MO-205AC
WITH THE EXCEPTION OF BALL DIAMETER.
Figure 15. 100-Lead Chip Scale Package Ball Grid Array [CSP_BGA]
(BC-100-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD5371BSTZ
AD5371BBCZ
-40°C to +85°C
-40°C to +85°C
80-Lead Quad Flat Pack (LQFP )
100 Ball Chip Scale Package (CSPBGA)
ST-80
BC-100-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com