Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5622 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5622
Description  2.7 V to 5.5 V, <100 uA, 8-/10-/12-Bit nanoDACs with
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5622 Datasheet(HTML) 2 Page - Analog Devices

  AD5622 Datasheet HTML 1Page - Analog Devices AD5622 Datasheet HTML 2Page - Analog Devices AD5622 Datasheet HTML 3Page - Analog Devices AD5622 Datasheet HTML 4Page - Analog Devices AD5622 Datasheet HTML 5Page - Analog Devices AD5622 Datasheet HTML 6Page - Analog Devices AD5622 Datasheet HTML 7Page - Analog Devices AD5622 Datasheet HTML 8Page - Analog Devices AD5622 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD5602/AD5612/AD5622
Rev. B | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Product Highlights ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
I2C Timing Specifications............................................................ 4
Timing Diagram ........................................................................... 5
Absolute Maximum Ratings............................................................ 6
ESD Caution.................................................................................. 6
Pin Configuration and Function Descriptions............................. 7
Typical Performance Characteristics ............................................. 8
Terminology .................................................................................... 14
Theory of Operation ...................................................................... 15
D/A Section................................................................................. 15
Resistor String............................................................................. 15
Output Amplifier........................................................................ 15
Serial Interface ................................................................................ 16
Input Register.............................................................................. 16
Power-On Reset.......................................................................... 17
Power-Down Modes .................................................................. 17
Write Operation.......................................................................... 18
Read Operation........................................................................... 19
High Speed Mode....................................................................... 20
Applications..................................................................................... 21
Choosing a Reference as Power Supply................................... 21
Bipolar Operation....................................................................... 21
Power Supply Bypassing and Grounding................................ 21
Outline Dimensions ....................................................................... 22
Ordering Guide .......................................................................... 23
REVISION HISTORY
3/06—Rev. A to Rev. B
Changes to Table 2............................................................................ 3
Updates to Outline Dimensions ................................................... 22
Changes to Ordering Guide .......................................................... 23
8/05—Rev. 0 to Rev. A
Changes to Ordering Guide .......................................................... 22
6/05—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com