Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5622 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5622
Description  2.7 V to 5.5 V, <100 uA, 8-/10-/12-Bit nanoDACs with
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5622 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5622 Datasheet HTML 16Page - Analog Devices AD5622 Datasheet HTML 17Page - Analog Devices AD5622 Datasheet HTML 18Page - Analog Devices AD5622 Datasheet HTML 19Page - Analog Devices AD5622 Datasheet HTML 20Page - Analog Devices AD5622 Datasheet HTML 21Page - Analog Devices AD5622 Datasheet HTML 22Page - Analog Devices AD5622 Datasheet HTML 23Page - Analog Devices AD5622 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD5602/AD5612/AD5622
Rev. B | Page 21 of 24
APPLICATIONS
CHOOSING A REFERENCE AS POWER SUPPLY
The AD5602/AD5612/AD5622 come in tiny SC70 packages
with less than 100 μA supply current, thereby making the
choice of reference dependent upon the application
requirement. For space-saving applications, the ADR425 is
available in an SC70 package with excellent drift at 3ppm/°C. It
also provides very good noise performance at 3.4 μV p-p in the
0.1 Hz to 10 Hz range.
Because the supply current required by the AD5602/AD5612/
AD5622 DACs is extremely low, they are ideal for low supply
applications. The ADR293 voltage reference is recommended in
this case. This requires 15 μA of quiescent current and can
therefore drive multiple DACs in the one system, if required.
AD5602/
AD5612/
AD5622
SCL
SDA
7V
5V
VOUT =0V TO 5V
ADR425
Figure 49. ADR425 as Power Supply
Examples of some recommended precision references for use as
supplies to the AD5602/AD5612/AD5622 are shown in Table 8.
Table 8. Recommended Precision References
Part
No.
Initial
Accuracy
(mV max)
Temperature
Drift
(ppm/°C max)
0.1 Hz to 10 Hz Noise
(μV p-p typ)
ADR435
±6
3
3.4
ADR425
±6
3
3.4
ADR02
±5
3
15
ADR395
±6
25
5
BIPOLAR OPERATION
The AD5602/AD5612/AD5622 have been designed for single-
supply operation, but a bipolar output range is also possible
using the circuit in Figure 50. The circuit in Figure 50 gives an
output voltage range of ±5 V. Rail-to-rail operation at the
amplifier output is achievable using an AD820 or an OP295 as
the output amplifier.
The output voltage for any input code can be calculated as
⎥
⎦
⎤
⎢
⎣
⎡
⎟
⎠
⎞
⎜
⎝
⎛
×
−
⎟
⎠
⎞
⎜
⎝
⎛
+
×
⎟
⎠
⎞
⎜
⎝
⎛
×
=
R1
R2
V
R1
R2
R1
D
V
V
DD
n
DD
O
2
where:
D represents the input code in decimal.
n represents the bit resolution of the DAC.
With VDD = 5 V, R1 = R2 = 10 kΩ
V
5
2
10
−
⎟
⎠
⎞
⎜
⎝
⎛
×
=
n
O
D
V
This is an output voltage range of ±5 V with 0x000 corresponding
to a −5 V output, and 0xFFF corresponding to a +5 V output.
+5V
–5V
AD820/
OP295
+5V
AD5602/
AD5612/
AD5622
10µF
0.1µF
VDD
VOUT
R1
10kΩ
SDA SCL
R2
10kΩ
±5V OUT
Figure 50. Bipolar Operation with the AD5602/AD5612/AD5622
POWER SUPPLY BYPASSING AND GROUNDING
When accuracy is important in a circuit, it is helpful to carefully
consider the power supply and ground return layout on the
board. The printed circuit board containing the AD5602/
AD5612/AD5622 should have separate analog and digital
sections, each having its own area of the board. If the AD5602,
AD5612, or AD5622 is in a system where other devices require
an AGND to DGND connection, the connection should be
made at one point only. This ground point should be as close as
possible to the AD5602/AD5612/AD5622.
The power supply to the AD5602/AD5612/AD5622 should be
bypassed with 10 μF and 0.1 μF capacitors. The capacitors
should be physically as close as possible to the device with the
0.1 μF capacitor ideally right up against the device. The 10 μF
capacitors are the tantalum bead type. It is important that the
0.1 μF capacitor has low effective series resistance (ESR) and
effective series inductance (ESI), such as common ceramic
types. This 0.1 μF capacitor provides a low impedance path to
ground for high frequencies caused by transient currents due to
internal logic switching.
The power supply line should have as large a trace as possible to
provide a low impedance path and reduce glitch effects on the
supply line. Clocks and other fast switching digital signals
should be shielded from other parts of the board by digital
ground. Avoid crossover of digital and analog signals if possible.
When traces cross on opposite sides of the board, ensure that
they run at right angles to each other to reduce feedthrough
effects through the board. The best board layout technique is
the microstrip technique where the component side of the
board is dedicated to the ground plane only and the signal
traces are placed on the solder side. However, the microstrip
technique is not always possible with a 2-layer board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com