Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5532ABC-2 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5532ABC-2
Description  32-Channel Precision Infinite Sample-and-Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5532ABC-2 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5532ABC-2 Datasheet HTML 8Page - Analog Devices AD5532ABC-2 Datasheet HTML 9Page - Analog Devices AD5532ABC-2 Datasheet HTML 10Page - Analog Devices AD5532ABC-2 Datasheet HTML 11Page - Analog Devices AD5532ABC-2 Datasheet HTML 12Page - Analog Devices AD5532ABC-2 Datasheet HTML 13Page - Analog Devices AD5532ABC-2 Datasheet HTML 14Page - Analog Devices AD5532ABC-2 Datasheet HTML 15Page - Analog Devices AD5532ABC-2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. A
AD5533B
–13–
DB13–DB0 Bit
These are used in both readback modes to read a 14-bit word
from the addressed DAC register.
The serial interface is designed to allow easy interfacing to most
microcontrollers and DSPs, e.g., PIC16C, PIC17C, QSPI™,
SPI™, DSP56000, TMS320, and ADSP-21xx, without the
need for any glue logic. When interfacing to the 8051, the
SCLK must be inverted. The Microprocessor/Microcontroller
Interface section explains how to interface to some popular
DSPs and microcontrollers.
Figures 3 and 4 show the timing diagram for a serial read and
write to the AD5533B. The serial interface works with both a
continuous and a noncontinuous serial clock. The first falling
edge of
SYNC resets a counter that counts the number of serial
clocks to ensure the correct number of bits are shifted in and out
of the serial shift registers. Any further edges on
SYNC are ignored
until the correct number of bits are shifted in or out. Once the
correct number of bits have been shifted in or out, the SCLK is
ignored. In order for another serial transfer to take place, the
counter must be reset by the falling edge of
SYNC. In readback,
the first rising SCLK edge after the falling edge of
SYNC causes
DOUT to leave its high impedance state and data is clocked out
onto the DOUT line and also on subsequent SCLK rising edges.
The DOUT pin goes back into a high impedance state on the falling
edge of the 14th SCLK. Data on the DIN line is latched in on the
first SCLK falling edge after the falling edge of the
SYNC signal
and on subsequent SCLK falling edges. The serial interface will
not shift data in or out until it receives the falling edge of the
SYNC signal.
*SPI and QSPI are trademarks of Motorola, Inc.
OFFSET SEL
A4–A0
CAL
0
0
MSB
LSB
MODE BIT 1
MODE BIT 2
MODE BITS
0
TEST BIT
a. 10-Bit Input Serial Write Word (ISHA Mode)
OFFSET SEL
A4–A0
CAL
0
1
MSB
LSB
MODE BITS
DB1 3 –DB0
0
TEST BIT
10-BIT
SERIAL WORD
WRITTEN TO PART
14-BIT DATA
READ FROM PART AFTER
NEXT FALLING EDGE OF
SYNC
(DB13 = MSB OF DAC WORD)
MSB
LSB
b. Input Serial Interface (Acquire and Readback Mode)
OFFSET SEL
A4–A0
0
1
1
MSB
LSB
MODE BITS
DB1 3 –DB0
0
TEST BIT
10-BIT
SERIAL WORD
WRITTEN TO PART
14-BIT DATA
READ FROM PART AFTER
NEXT FALLING EDGE OF
SYNC
(DB13 = MSB OF DAC WORD)
MSB
LSB
c. Input Serial Interface (Readback Mode)
Figure 8. Serial Interface Formats
Parallel Interface
The SER/
PAR bit is tied low to enable the parallel interface and
disable the serial interface. The parallel interface is controlled
by nine pins as follows:
CS
Active low package select pin. This pin is shared with the
SYNC function for the serial interface.
WR
Active low write pin. The values on the address pins are
latched on a rising edge of
WR.
A4–A0
Five address pins (A4 = MSB of address, A0 = LSB). These
are used to address the relevant channel (out of a possible 32).
Offset_Sel
Offset select pin. This has the same function as the Offset_Sel
bit in the serial interface. When it is high, the offset channel
is addressed and the address on A4–A0 is ignored.
Cal
Same functionality as the Cal bit in the serial interface. When
this pin is high, all 32 channels acquire VIN simultaneously.
MICROPROCESSOR INTERFACING
AD5533B to ADSP-21xx Interface
The ADSP-21xx family of DSPs is easily interfaced to the
AD5533B without the need for extra logic.
A data transfer is initiated by writing a word to the TX register
after the SPORT has been enabled. In a write sequence, data is
clocked out on each rising edge of the DSP’s serial clock and
clocked into the AD5533B on the falling edge of its SCLK. In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com