Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5532ABC-2 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5532ABC-2
Description  32-Channel Precision Infinite Sample-and-Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5532ABC-2 Datasheet(HTML) 2 Page - Analog Devices

  AD5532ABC-2 Datasheet HTML 1Page - Analog Devices AD5532ABC-2 Datasheet HTML 2Page - Analog Devices AD5532ABC-2 Datasheet HTML 3Page - Analog Devices AD5532ABC-2 Datasheet HTML 4Page - Analog Devices AD5532ABC-2 Datasheet HTML 5Page - Analog Devices AD5532ABC-2 Datasheet HTML 6Page - Analog Devices AD5532ABC-2 Datasheet HTML 7Page - Analog Devices AD5532ABC-2 Datasheet HTML 8Page - Analog Devices AD5532ABC-2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. A
–2–
AD5533B–SPECIFICATIONS
(VDD = +8 V to +16.5 V, VSS = –4.75 V to –16.5 V; AVCC = +4.75 V to +5.25 V;
DVCC = 2.7 V to 5.25 V; AGND = DGND = DAC_GND = 0 V; REF_IN = 3 V; OFFS_IN = 0 V;
Output Range from VSS + 2 V to VDD – 2 V. All outputs unloaded. All specifications TMIN to TMAX, unless otherwise noted.)
Parameter
1
B Version
2
Unit
Conditions/Comments
ANALOG CHANNEL
VIN to VOUT Nonlinearity
±0.006
% typ
Input Range 100 mV to 2.96 V
±0.018
% max
After Gain and Offset Adjustment
Total Unadjusted Error (TUE)
±2.5
mV typ
See TPC 6.
±12
mV
max
Gain
3.51/3.52/3.53
min/typ/max
Offset Error
±1
mV typ
See TPC 2.
±10
mV
max
ANALOG INPUT (VIN)
Input Voltage Range
0 to 3
V
Nominal Input Range
Input Lower Dead Band
70
mV max
50 mV typ. Referred to VIN.
See Figure 5.
Input Upper Dead Band
40
mV max
12 mV typ. Referred to VIN.
See Figure 5.
Input Current
1
µA max
100 nA typ. VIN acquired on
one channel.
Input Capacitance
3
20
pF typ
ANALOG INPUT (OFFS_IN)
Input Voltage Range
0/4
V min/max
Output Range Restricted from
VSS + 2 V to VDD – 2 V
Input Current
1
µA max
100 nA typ
VOLTAGE REFERENCE
REF_IN
Nominal Input Voltage
3.0
V
Input Voltage Range
3
2.85/3.15
V min/max
Input Current
1
µA max
<1 nA typ
REF_OUT
Output Voltage
3
V typ
Output Impedance
3
280
k
Ω typ
Reference Temperature Coefficient
3
60
ppm/
°C typ
ANALOG OUTPUTS (VOUT 0–31)
Output Temperature Coefficient
3, 4
10
ppm/
°C typ
DC Output Impedance
0.5
Ω typ
Output Range
VSS + 2/VDD – 2
V min/max
100
µA Output Load
Resistive Load
3, 5
5
k
Ω min
Capacitive Load
3, 5
100
pF max
Short-Circuit Current
3
7
mA typ
DC Power Supply Rejection Ratio
3
–70
dB typ
VDD = +15 V
± 5%
–70
dB typ
VSS = –15 V
± 5%
DC Crosstalk
3
250
µV max
Outputs Loaded
ANALOG OUTPUT (OFFS_OUT)
Output Temperature Coefficient
3, 4
10
ppm/
°C typ
DC Output Impedance
3
1.3
k
Ω typ
Output Range
50 to REF_IN – 12
mV typ
Output Current
10
µA max
Source Current
Capacitive Load
100
pF max
DIGITAL INPUTS
3
Input Current
±10
µA max
5
µA typ
Input Low Voltage
0.8
V max
DVCC = 5 V
± 5%
0.4
V max
DVCC = 3 V
± 10%
Input High Voltage
2.4
V min
DVCC = 5 V
± 5%
2.0
V min
DVCC = 3 V
± 10%
Input Hysteresis (
SCLK and CS Only)
200
mV typ
Input Capacitance
10
pF max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com