Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5664ARMZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD5664ARMZ
Description  2.7 V to 5.5 V, 450 關A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5664ARMZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5664ARMZ Datasheet HTML 15Page - Analog Devices AD5664ARMZ Datasheet HTML 16Page - Analog Devices AD5664ARMZ Datasheet HTML 17Page - Analog Devices AD5664ARMZ Datasheet HTML 18Page - Analog Devices AD5664ARMZ Datasheet HTML 19Page - Analog Devices AD5664ARMZ Datasheet HTML 20Page - Analog Devices AD5664ARMZ Datasheet HTML 21Page - Analog Devices AD5664ARMZ Datasheet HTML 22Page - Analog Devices AD5664ARMZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD5624/AD5664
Rev. 0 | Page 19 of 24
MICROPROCESSOR INTERFACING
AD5624/AD5664 to Blackfin® ADSP-BF53x Interface
Figure 35 shows a serial interface between the AD5624/AD5664 and
the Blackfin ADSP-BF53x microprocessor. The ADSP-BF53x
processor family incorporates two dual-channel synchronous serial
ports, SPORT1 and SPORT0, for serial and multiprocessor commu-
nications. Using SPORT0 to connect to the AD5624/AD5664, the
setup for the interface is as follows. DTOPRI drives the DIN pin of
the AD5624/AD5664, while TSCLK0 drives the SCLK of the part.
The SYNC is driven from TFS0.
AD5624/
AD56641
ADSP-BF53x1
SYNC
TFS0
DIN
DTOPRI
SCLK
TSCLK0
1ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 35. Blackfin ADSP-BF53x Interface to AD5624/AD5664
AD5624/AD5664 to 68HC11/68L11 Interface
Figure 36 shows a serial interface between the AD5624/AD5664
and the 68HC11/68L11 microcontroller. SCK of the 68HC11/
68L11 drives the SCLK of the AD5624/AD5664, while the
MOSI output drives the serial data line of the DAC.
The SYNC signal is derived from a port line (PC7). The setup
conditions for correct operation of this interface are as follows.
The 68HC11/68L11 is configured with its CPOL bit as a 0 and
its CPHA bit as a 1. When data is being transmitted to the DAC,
the SYNC line is taken low (PC7). When the 68HC11/68L11 is
configured as described previously, data appearing on the MOSI
output is valid on the falling edge of SCK. Serial data from the
68HC11/68L11 is transmitted in 10-bit bytes with only eight
falling clock edges occurring in the transmit cycle. Data is
transmitted MSB first. To load data to the AD5624/AD5664,
PC7 is left low after the first eight bits are transferred, and a
second serial write operation is performed to the DAC; PC7 is
taken high at the end of this procedure.
AD5624/
AD56641
68HC11/68L111
SYNC
PC7
SCLK
SCK
DIN
MOSI
1ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 36. 68HC11/68L11 Interface to AD5624/AD5664
AD5624/AD5664 to 80C51/80L51 Interface
Figure 37 shows a serial interface between the AD5624/AD5664
and the 80C51/80L51 microcontroller. The setup for the interface
is as follows. TxD of the 80C51/80L51 drives SCLK of the
AD5624/AD5664, while RxD drives the serial data line of the
part. The SYNC signal is derived from a bit-programmable pin
on the port. In this case, port line P3.3 is used. When data is
transmitted to the AD5624/AD5664, P3.3 is taken low. The
80C51/80L51 transmits data in 10-bit bytes only; thus only eight
falling clock edges occur in the transmit cycle. To load data to the
DAC, P3.3 is left low after the first eight bits are transmitted, and
a second write cycle is initiated to transmit the second byte of
data. P3.3 is taken high following the completion of this cycle.
The 80C51/80L51 output the serial data in a format that has the
LSB first. The AD5624/AD5664 must receive data with the MSB
first. The 80C51/80L51 transmit routine should take this into
account.
AD5624/
AD56641
80C51/80L511
SYNC
P3.3
SCLK
TxD
DIN
RxD
1ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 37. 80C51/80L51 Interface to AD5624/AD5664
AD5624/AD5664 to MICROWIRE Interface
Figure 38 shows an interface between the AD5624/AD5664 and
any MICROWIRE-compatible device. Serial data is shifted out
on the falling edge of the serial clock and is clocked into the
AD5624/AD5664 on the rising edge of the SK.
AD5624/
AD56641
MICROWIRE1
SYNC
CS
SCLK
SK
DIN
SO
1ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 38. MICROWIRE Interface to AD5624/AD5664



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com