Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5664ARMZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD5664ARMZ
Description  2.7 V to 5.5 V, 450 關A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5664ARMZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5664ARMZ Datasheet HTML 16Page - Analog Devices AD5664ARMZ Datasheet HTML 17Page - Analog Devices AD5664ARMZ Datasheet HTML 18Page - Analog Devices AD5664ARMZ Datasheet HTML 19Page - Analog Devices AD5664ARMZ Datasheet HTML 20Page - Analog Devices AD5664ARMZ Datasheet HTML 21Page - Analog Devices AD5664ARMZ Datasheet HTML 22Page - Analog Devices AD5664ARMZ Datasheet HTML 23Page - Analog Devices AD5664ARMZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD5624/AD5664
Rev. 0 | Page 20 of 24
APPLICATIONS
CHOOSING A REFERENCE FOR THE
AD5624/AD5664
To achieve the optimum performance from the AD5624/
AD5664, thought should be given to the choice of a precision
voltage reference. The AD5624/AD5664 have only one
reference input, VREF. The voltage on the reference input is used
to supply the positive input to the DAC. Therefore, any error in
the reference is reflected in the DAC.
When choosing a voltage reference for high accuracy applica-
tions, the sources of error are initial accuracy, ppm drift, long-
term drift, and output voltage noise. Initial accuracy on the
output voltage of the DAC leads to a full-scale error in the DAC.
To minimize these errors, a reference with high initial accuracy
is preferred. Choosing a reference with an output trim
adjustment, such as the ADR423, allows a system designer to
trim out system errors by setting a reference voltage to a voltage
other than the nominal. The trim adjustment can also be used
at temperature to trim out any error.
Long-term drift is a measurement of how much the reference
drifts over time. A reference with a tight long-term drift
specification ensures that the overall solution remains relatively
stable during its entire lifetime.
The temperature coefficient of a reference’s output voltage
affects INL, DNL, and TUE. A reference with a tight temperature
coefficient specification should be chosen to reduce temperature
dependence of the DAC output voltage in ambient conditions.
In high accuracy applications, which have a relatively low noise
budget, reference output voltage noise needs to be considered. It
is important to choose a reference with as low an output noise
voltage as practical for the system noise resolution required.
Precision voltage references such as the ADR425 produce low
output noise in the 0.1 Hz to10 Hz range. Examples of recom-
mended precision references for use as supply to the
AD5624/AD5664 are shown in the Table 14.
USING A REFERENCE AS A POWER SUPPLY FOR
THE AD5624/AD5664
Because the supply current required by the AD5624/AD5664 is
extremely low, an alternative option is to use a voltage reference
to supply the required voltage to the part (see Figure 39). This is
especially useful if the power supply is quite noisy, or if the
system supply voltages are at some value other than 5 V or 3 V,
for example, 15 V. The voltage reference outputs a steady supply
voltage for the AD5624/AD5664 (see Table 14 for a suitable
reference). If the low dropout REF195 is used, it must supply
450 μA of current to the AD5624/AD5664, with no load on the
output of the DAC. When the DAC output is loaded, the
REF195 also needs to supply the current to the load. The total
current required (with a 5 kΩ load on the DAC output) is
450 μA + (5 V/5 kΩ) = 1.45 mA
The load regulation of the REF195 is typically 2 ppm/mA,
which results in a 2.9 ppm (14.5 μV) error for the 1.45 mA
current drawn from it. This corresponds to a 0.191 LSB error.
AD5624/
AD5664
3-WIRE
SERIAL
INTERFACE
SYNC
SCLK
DIN
15V
5V
500mA
VOUT = 0V TO 5V
VDD
REF195
VREF
Figure 39. REF195 as Power Supply to the AD5624/AD5664
Table 14. Partial List of Precision References for Use with the AD5624/AD5664
Part No.
Initial Accuracy (mV max)
Temp Drift (ppm
o
C max)
0.1 Hz to 10 Hz Noise (μV p-p typ)
VOUT (V)
ADR425
±2
3
3.4
5
ADR395
±6
25
5
5
REF195
±2
5
50
5
AD780
±2
3
4
2.5/3
ADR423
±2
3
3.4
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com