Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLDC50 Datasheet(PDF) 1 Page - Lin Eng. Inc.

Part # BLDC50
Description  BLDC DRIVER CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINENGINEERING [Lin Eng. Inc.]
Direct Link  https://www.linengineering.com/
Logo LINENGINEERING - Lin Eng. Inc.

BLDC50 Datasheet(HTML) 1 Page - Lin Eng. Inc.

  BLDC50 Datasheet HTML 1Page - Lin Eng. Inc. BLDC50 Datasheet HTML 2Page - Lin Eng. Inc. BLDC50 Datasheet HTML 3Page - Lin Eng. Inc. BLDC50 Datasheet HTML 4Page - Lin Eng. Inc. BLDC50 Datasheet HTML 5Page - Lin Eng. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
16245 Vineyard Blvd, Morgan Hill, CA 95037
Phone: (408) 919-0200 Fax: (408) 919-0201
Email: sales@linengineering.com
Email: techsupport@linengineering.com
www.linengineering.com
BLDC50
BLDC50
BLDC DRIVER + CONTROLLER
FEATURES AND BENEFITS
The BLDC50 series DC input drives are based on advanced digital current and velocity control technology and provide high
torque, stable velocity and low noise. 
• The structure is compact and the parameter is conbgura1le.
• 2-48VyDC supplv Woltage.
• kor, in Welocitv mode.
• Accept analog control signal3 digital control signal3 RS4-/-M8V5 communication command or HHI control.
• figh response oP the QID Welocitv loop and DM( current loop control.
• Brushless sinusoidal current control. kith motor phase compensation.
• The driWe can supplv 5A )rmsx maOimum continuouslv current Por each motor phase. And the twice oWer load 20A is
allowed Por 5 seconds.
• kith eight single4ended opticallv isolated inputs )54-8yx which is conbgura1le Por sin,ing or sourcing 1v two switches3
one analog input)045y3 can 1e conbgured 1v soPtwarex and two darlington opticallv isolated outputs )maOimum output
current is V0mAx.
• qutputs can 1e conbgured 1v V Punctions depending on diPPerent reYuirements.
DRIyER LA:qUT


Similar Part No. - BLDC50

ManufacturerPart #DatasheetDescription
logo
Mclennan Servo Supplie...
BLDC58-35L MCLENNAN-BLDC58-35L Datasheet
868Kb / 2P
Brushless motor with integrated electronics
More results

Similar Description - BLDC50

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3930 ALLEGRO-A3930 Datasheet
449Kb / 21P
Automotive 3-Phase BLDC Controller and MOSFET Driver
logo
TRINAMIC Motion Control...
TMCM-160 TRINAMIC-TMCM-160 Datasheet
528Kb / 1P
1-Axis BLDC Controller/Driver 5A/48V
logo
Allegro MicroSystems
A3930 ALLEGRO-A3930 Datasheet
382Kb / 21P
Automotive 3-Phase BLDC Controller and MOSFET Driver
logo
Melexis Microelectronic...
MLX81205 MELEXIS-MLX81205 Datasheet
463Kb / 18P
BLDC Motor Controller
logo
Allegro MicroSystems
A3930 ALLEGRO-A3930_16 Datasheet
380Kb / 21P
Automotive 3-Phase BLDC Controller and MOSFET Driver
A4962 ALLEGRO-A4962 Datasheet
671Kb / 42P
Sensorless BLDC Controller
AMT49413 ALLEGRO-AMT49413 Datasheet
626Kb / 21P
3-Phase BLDC Controller and MOSFET Driver
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
BLDC Driver
Rev. 1.0 2021-01-21
TLE9185QXV33 INFINEON-TLE9185QXV33 Datasheet
5Mb / 192P
BLDC Driver
Rev. 1.0 2021-01-21
logo
Lin Eng. Inc.
BLDC100 LINENGINEERING-BLDC100 Datasheet
4Mb / 5P
BLDC DRIVER CONTROLLER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com