Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7183B Datasheet(PDF) 13 Page - Analog Devices

Part # ADV7183B
Description  Multiformat SDTV Video Decoder
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7183B Datasheet(HTML) 13 Page - Analog Devices

Back Button ADV7183B Datasheet HTML 9Page - Analog Devices ADV7183B Datasheet HTML 10Page - Analog Devices ADV7183B Datasheet HTML 11Page - Analog Devices ADV7183B Datasheet HTML 12Page - Analog Devices ADV7183B Datasheet HTML 13Page - Analog Devices ADV7183B Datasheet HTML 14Page - Analog Devices ADV7183B Datasheet HTML 15Page - Analog Devices ADV7183B Datasheet HTML 16Page - Analog Devices ADV7183B Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 100 page
background image
ADV7183B
Rev. B | Page 13 of 100
ANALOG FRONT END
AIN1
AIN7
AIN2
AIN8
AIN3
AIN9
AIN4
AIN10
AIN5
AIN11
AIN6
AIN12
AIN3
AIN9
AIN4
AIN10
AIN5
AIN11
AIN6
AIN12
AIN2
AIN8
AIN5
AIN11
AIN6
AIN12
1
0
1
0
1
0
ADC_SW_MAN_EN
INSEL[3:0]
ADC0_SW[3:0]
ADC1_SW[3:0]
ADC2_SW[3:0]
INTERNAL
MAPPING
FUNCTIONS
ADC2
ADC1
ADC0
Figure 6. Internal Pin Connections
ANALOG INPUT MUXING
The ADV7183B has an integrated analog muxing section that
allows more than one source of video signal to be connected to
the decoder.
140H
Figure 6 outlines the overall structure of the input
muxing provided in the ADV7183B.
As seen in
141H
Figure 6, the analog input muxes can be controlled
by functional registers (INSEL) or manually. Using INSEL[3:0]
simplifies the setup of the muxes and minimizes crosstalk
between channels by pre-assigning the input channels. This is
referred to as ADI recommended input muxing.
Control via an I2C manual override (ADC_sw_man_en,
ADC0_sw, and ADC1_sw, ADC2_sw) is provided for
applications with special requirements (for example, number/
combinations of signals) that would not be served by the pre-
assigned input connections. This is referred to as manual input
muxing.
Refer to
142H
Figure 7 for an overview of the two methods of
controlling the ADV7183B’s input muxing.
ADI Recommended Input Muxing
A maximum of 12 CVBS inputs can be connected and decoded
by the ADV7183B. As seen in
143H
Figure 5, this means the sources
will have to be connected to adjacent pins on the IC. This calls
for a careful design of the PCB layout, such as ground shielding
between all signals routed through tracks that are physically
close together.
INSEL[3:0] Input Selection, Address 0x00[3:0]
The INSEL bits allow the user to select an input channel as well
as the input format. Depending on the PCB connections, only a
subset of the INSEL modes is valid. The INSEL[3:0] not only
switches the analog input muxing, it also configures the
standard definition processor core to process CVBS (Comp),
S-Video (Y/C), or component (YPbPr) format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com