Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBAS340L-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBAS340L-HF
Description  Low VF SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBAS340L-HF Datasheet(HTML) 1 Page - Comchip Technology

  CDBAS340L-HF Datasheet HTML 1Page - Comchip Technology CDBAS340L-HF Datasheet HTML 2Page - Comchip Technology CDBAS340L-HF Datasheet HTML 3Page - Comchip Technology CDBAS340L-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1
QW-JL039
REV: A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Reverse Voltage: 40 Volts
Forward Current: 3.0 Amp
RoHS Device
Dimensions in inches and (millimeter)
SMA-S
0.191(4.85)
0.173(4.40)
0.108(2.75)
0.096(2.45)
0.043(1.10)
Mechanical data
- Built-in strain relief
- Metal silicon junction with guard ring
Halogen Free
Features
- Silicon epitaxial planar chips
- Case: Molded plastic, SMA-S
- Terminals: Solder plated solderable per
MIL-STD-750 method 2026
- Polarity: Color band denotes cathode end
- Epoxy: UL94V-0 rate flame retardant
Circuit diagram
Typ.
- Weight: 0.045 grams(approx.)
- For use in low voltage, high frequency invertors
free wheeling and polarity protection
- High surge and current capability
0.045(1.15)
Typ.
0.153(3.90)
0.132(3.35)
- Mounting position: Any
Maximum Ratings and Electrical Characteristics (at TA=25°C unless otherwise noted)
Notes: 1. Pulse test: 300µS pulse width,1% duty cycle
2. Measured at 1.0MHz and applied reverse voltage of 4.0 volts
3. Thermal resistance from junction to ambient and from junction to lead P.C.B. mounted on 0.2x0.2”(5.0x5.0mm) copper pad areas.
Maximum recurrent peak reverse voltage
Maximum DC blocking voltage
Maximum RMS voltage
Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC method)
Maximum DC reverse current
at rated DC blocking voltage
Operating junction temperature range
Storage temperature range
Value
Unit
Symbol
Parameter
VRRM
VDC
VRMS
IFSM
IF(AV)
IR
RθJL
TJ
TSTG
40
40
28
80
3.0
10
40.0
-55 to +150
-55 to +150
V
V
V
A
A
mA
°C/W
°C
°C
Maximum forward voltage at 3.0A (note1)
VF
V
0.40
RθJA
Junction to Ambient
Junction to lead
50.0
°C/W
TJ=25°C
TJ=100°C
0.5
CJ
450
P
F
Typical junction capacitance (note2)
Typical thermal resistance (note3)
Maximum average forward rectified current
0.2 x0.2” 5.0x5.0mm) copper pad area, see Figure 1
(
0.057(1.45)
0.051(1.30)
0.048(1.20)
0.031(0.80)
Low VF SMD Schottky Barrier Rectifiers
CDBAS340L-HF


Similar Part No. - CDBAS340L-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBAS340-HF COMCHIP-CDBAS340-HF Datasheet
103Kb / 4P
SMD Schottky Barrier Rectifiers
More results

Similar Description - CDBAS340L-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBA120L-G COMCHIP-CDBA120L-G Datasheet
49Kb / 2P
Low VF SMD Schottky Barrier Rectifiers
CDBM220L-G COMCHIP-CDBM220L-G Datasheet
45Kb / 2P
Low VF SMD Schottky Barrier Rectifiers
CDBM120L-HF COMCHIP-CDBM120L-HF Datasheet
68Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
CDBA120L-HF COMCHIP-CDBA120L-HF Datasheet
100Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
CDBA220L-HF COMCHIP-CDBA220L-HF Datasheet
95Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
CDBM220L-HF COMCHIP-CDBM220L-HF Datasheet
94Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
CDBZ31045L-HF COMCHIP-CDBZ31045L-HF Datasheet
475Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
CDBMT220L-G COMCHIP-CDBMT220L-G Datasheet
95Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
CDBZ31045L-HF COMCHIP-CDBZ31045L-HF_15 Datasheet
475Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
CDBMTS140L-HF COMCHIP-CDBMTS140L-HF Datasheet
72Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com