Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBAS340L-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBAS340L-HF
Description  Low VF SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBAS340L-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBAS340L-HF Datasheet HTML 1Page - Comchip Technology CDBAS340L-HF Datasheet HTML 2Page - Comchip Technology CDBAS340L-HF Datasheet HTML 3Page - Comchip Technology CDBAS340L-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (CDBAS340L-HF)
Lead Temperature, (°C)
Fig.1 - Forward Current Derating Curve
Number Of Cycles At 60Hz
Fig.2 - Maximum Non-Repetitive Peak
Forward Surge Current
Instantaneous Forward Voltage, (V)
Fig.3 - Typical Instantaneous Forward
Characteristics
Fig.4 - Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage, (%)
2.5
1.5
3.0
0
100
0.1
0.01
10
1.0
0.001
100
10
1
2.0
1.0
0.5
10
0.01
1.0
0.1
0
80
20
40
60
100
0.2
0.4
0.6
0.8
1.0
0
10
100
100
25
50
75
175
125
0
150
TL = 110°C
8.3ms single half sine-wave
(JEDEC Method)
single phase half wave 60Hz
resistive or inductive load
Pluse width 300us
TJ = 25°C
1% duty cycle
Page 2
REV: A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Low VF SMD Schottky Barrier Rectifiers
Fig. 5 - Typical Junction Capacitance
Reverse Voltage, (V)
1000
0
10
40
20
0
200
400
600
800
1400
30
1600
1200
P.C.B. mounted on 0.2x0.2”
(5.0x5.0mm) copper pad areas.
TJ=25°C
TJ=100°C
TJ=125°C
TJ=150°C
QW-JL039



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com