Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBC840-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # CDBC840-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBC840-HF Datasheet(HTML) 3 Page - Comchip Technology

  CDBC840-HF Datasheet HTML 1Page - Comchip Technology CDBC840-HF Datasheet HTML 2Page - Comchip Technology CDBC840-HF Datasheet HTML 3Page - Comchip Technology CDBC840-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD Schottky Barrier Rectifiers
Page 3
REV:A
QW-JB076
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Reel Taping Specification
D1
D2
D
W2
W1
Trailer
Device
Leader
400mm (min)
160mm (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
Direction of Feed
Note: The tolerance of carrier tape and top cover is 0.2mm, the tolerance of reel is 2mm.
W
C
B
P
A
P0
P1
E
F
d
T
Index hole
SYMBOL
SYMBOL
(mm)
(mm)
(inch)
(inch)
A
B
C
d
T
D
D1
D2
E
F
P
P0
P1
W
W1
W2
8.30
6.30
2.54
0.25
330
1.75
1.55
7.50
8.00
2.00
4.00
16.00
13.50
0.248
0.327
0.100
0.061
0.010
12.992
0.531
0.069
0.295
0.315
0.157
0.079
0.630
SMC
SMC
75.00
2.953
17.00
0.669
21.00
0.827



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com