Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBC840-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBC840-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBC840-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBC840-HF Datasheet HTML 1Page - Comchip Technology CDBC840-HF Datasheet HTML 2Page - Comchip Technology CDBC840-HF Datasheet HTML 3Page - Comchip Technology CDBC840-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (CDBC840-HF)
SMD Schottky Barrier Rectifiers
Reverse Voltage, (V)
Fig.4 - Typical Junction Capacitance
Number of Cycles at 60Hz
1
0
0
Lead Temperature, (°C)
100
10
0.01
10
0
1.0
1
0
2.0
12
0
75
4.0
6.0
25
50
125
100
8.0
150
0.1
Fig.2 - Max. Non-Repetitive Peak
Forward Surge Current
Forward Voltage, (V)
Fig.3 - Typical Instantaneous Forward
Characteristics
0.2
0.4
0.6
0.8
Page 2
REV:A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
QW-JB076
Fig.1 - Forward Current Derating Curve
175
10
25
50
75
100
125
150
2
5
20
50
TJ=25°C
8.3ms single half sine-wave
(JEDEC Method)
1.2
1.4
1.6
100
0.1
100
1.0
10
10
1000
100
single phase half wave 60Hz
resistive or inductive load



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com