Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBMS540LR-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBMS540LR-HF
Description  SMD Schottky Barrier Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBMS540LR-HF Datasheet(HTML) 1 Page - Comchip Technology

  CDBMS540LR-HF Datasheet HTML 1Page - Comchip Technology CDBMS540LR-HF Datasheet HTML 2Page - Comchip Technology CDBMS540LR-HF Datasheet HTML 3Page - Comchip Technology CDBMS540LR-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDBMS540LR-HF
Forward current: 5 A
Reverse voltage: 40 V
RoHS Device
Features
Comchip Technology CO., LTD.
SMD Schottky Barrier Rectifier
Circuit Diagram
Halogen Free
- For surface mounted applications.
- Built-in strain relief, ideal for automated
placement.
QW-JB114
Page 1
- Low forward voltage.
Mechanical Data
- Polarity: Polarity symbol marking on body.
- Mounting position: Any.
- Case: SOD-123FL, molded plastic.
- Terminals: Solder plated, solderable per
MIL-STD-750, method 2026.
- High forward surge current capability.
REV:A
Maximum Ratings (at Ta=25°C, unless otherwise noted)
Parameter
Unit
Symbol
VRRM
VRMS
VDC
IF(AV)
IFSM
V
V
V
A
A
RθJA
°C/W
TJ
°C
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current at TL=90°C
Peak forward surge current, 8.3ms single half sine-wave
superimposed on rated load
Typical thermal resistance
Operating junction temperature range
40
TSTG
°C
Storage temperature range
CDBMS540LR-HF
RθJL
28
40
5
70
70
20
-55 to +125
-55 to +150
Note: Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.4" x 0.4" (10mm x 10mm) copper pad areas.
SOD-123FL
Dimensions in inches and (millimeter)
0.020(0.50)
Min.
0.012(0.30)
0.004(0.10)
0.051(1.30)
0.035(0.90)
0.043(1.10)
0.031(0.80)
0.157(4.00)
0.142(3.60)
0.118(3.00)
0.102(2.60)
0.079(2.00)
0.063(1.60)


Similar Part No. - CDBMS540LR-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBMS1100-HF COMCHIP-CDBMS1100-HF Datasheet
461Kb / 4P
SMD Schottky Barrier Rectifiers
REV:B
CDBMS1150-HF COMCHIP-CDBMS1150-HF Datasheet
461Kb / 4P
SMD Schottky Barrier Rectifiers
REV:B
CDBMS1200-HF COMCHIP-CDBMS1200-HF Datasheet
461Kb / 4P
SMD Schottky Barrier Rectifiers
REV:B
CDBMS140-HF COMCHIP-CDBMS140-HF Datasheet
461Kb / 4P
SMD Schottky Barrier Rectifiers
REV:B
CDBMS140LL-HF COMCHIP-CDBMS140LL-HF Datasheet
98Kb / 4P
Ultra Low VF SMD Schottky Barrier Rectifiers
REV: A
More results

Similar Description - CDBMS540LR-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBM120 COMCHIP-CDBM120 Datasheet
62Kb / 2P
SMD Schottky Barrier Rectifier
CDBC320 COMCHIP-CDBC320 Datasheet
64Kb / 2P
SMD Schottky Barrier Rectifier
CDBB220 COMCHIP-CDBB220 Datasheet
67Kb / 2P
SMD Schottky Barrier Rectifier
CDBA5817 COMCHIP-CDBA5817 Datasheet
67Kb / 2P
SMD Schottky Barrier Rectifier
CDBA320L COMCHIP-CDBA320L Datasheet
148Kb / 3P
SMD Schottky Barrier Rectifier
CDBA120L COMCHIP-CDBA120L Datasheet
145Kb / 4P
SMD Schottky Barrier Rectifier
CDBA120 COMCHIP-CDBA120 Datasheet
67Kb / 2P
SMD Schottky Barrier Rectifier
CDBB220L-G COMCHIP-CDBB220L-G Datasheet
104Kb / 2P
SMD Schottky Barrier Rectifier
logo
Formosa MS
FM10L45-T2 FORMOSA-FM10L45-T2 Datasheet
111Kb / 7P
SMD Schottky Barrier Rectifier
FM120-MS FORMOSA-FM120-MS Datasheet
64Kb / 7P
SMD Schottky Barrier Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com