Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBMS540LR-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBMS540LR-HF
Description  SMD Schottky Barrier Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBMS540LR-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBMS540LR-HF Datasheet HTML 1Page - Comchip Technology CDBMS540LR-HF Datasheet HTML 2Page - Comchip Technology CDBMS540LR-HF Datasheet HTML 3Page - Comchip Technology CDBMS540LR-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (at Ta=25°C, unless otherwise noted)
Rating and Characteristic Curves (CDBMS540LR-HF)
Parameter
Unit
Symbol
VF
IR
V
mA
Maximum instantaneous forward voltage
Maximum DC reverse current at rated
DC blocking voltage
Conditions
Comchip Technology CO., LTD.
Page 2
QW-JB114
REV:A
SMD Schottky Barrier Rectifier
Typ
Max
Min
µA
20
5
200
50
0.47
0.50
0.43
0.45
at 4.0A
at 5.0A
TA = 25°C
TA = 100°C
Fig.1 - Derating Curve Output Rectified Current
0
20
40
60
80
100
120
140
0
1
2
3
5
4
6
7
8
Lead Temperature, (°C)
Fig.2 - Maximum Non-Repetitive Peak
Forward Surge Current Per Leg
1
10
100
0
20
40
80
60
100
120
140
Number of Cycles
Fig.3 - Typical Forward Voltage Characteristics
0
0.1
0.2
0.3
0.4
0.5
0.7
0.8
1
0.01
10
50
Instantaneous Forward Voltage, (V)
Fig.4 - Typical Reverse Leakage Characteristics
0
20
40
60
80
100
0.001
0.1
0.01
1
10
100
Percent of Peak Reverse Voltage, (%)
0.6
0.1
TJ=25°C
1Cycle
f=60Hz
TJ=25°C
TJ=100°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com