Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD22279-A-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD22279-A-R2
Description  Single-Axis, High-g, iMEMS Accelerometers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD22279-A-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD22279-A-R2 Datasheet HTML 1Page - Analog Devices AD22279-A-R2 Datasheet HTML 2Page - Analog Devices AD22279-A-R2 Datasheet HTML 3Page - Analog Devices AD22279-A-R2 Datasheet HTML 4Page - Analog Devices AD22279-A-R2 Datasheet HTML 5Page - Analog Devices AD22279-A-R2 Datasheet HTML 6Page - Analog Devices AD22279-A-R2 Datasheet HTML 7Page - Analog Devices AD22279-A-R2 Datasheet HTML 8Page - Analog Devices AD22279-A-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Single-Axis, High-g,
iMEMS® Accelerometers
ADXL78
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005 Analog Devices, Inc. All rights reserved.
FEATURES
Complete acceleration measurement system on a
single monolithic IC
Available in ±35 g, ±50 g, or ±70 g output full-scale ranges
Full differential sensor and circuitry for high resistance
to EMI/RFI
Environmentally robust packaging
Complete mechanical and electrical self-test on
digital command
Output ratiometric to supply
Sensitive axes in the plane of the chip
High linearity (0.2% of full scale)
Frequency response down to dc
Low noise
Low power consumption (1.3 mA)
Tight sensitivity tolerance and 0 g offset capability
Largest available prefilter clipping headroom
400 Hz, 2-pole Bessel filter
Single-supply operation
Compatible with Sn/Pb and Pb-free solder processes
APPLICATIONS
Vibration monitoring and control
Vehicle collision sensing
Shock detection
GENERAL DESCRIPTION
The ADXL78 is a low power, complete single-axis accelerometer
with signal conditioned voltage outputs that are on a single
monolithic IC. This product measures acceleration with a full-
scale range of ±35 g, ±50 g, or ±70 g (minimum). It can also
measure both dynamic acceleration (vibration) and static
acceleration (gravity).
The ADXL78 is the fourth-generation surface micromachined
iMEMS® accelerometer from ADI with enhanced performance
and lower cost. Designed for use in front and side impact airbag
applications, this product also provides a complete cost-
effective solution useful for a wide variety of other applications.
The ADXL78 is temperature stable and accurate over the
automotive temperature range, with a self-test feature that fully
exercises all the mechanical and electrical elements of the
sensor with a digital signal applied to a single pin.
The ADXL78 is available in a 5 mm × 5 mm × 2 mm,
8-terminal ceramic LCC package.
FUNCTIONAL BLOCK DIAGRAM
ADXL78
VDD
VS
VDD2
DIFFERENTIAL
SENSOR
EXC
DEMOD
AMP
XOUT
400Hz
BESSEL
FILTER
TIMING
GENERATOR
SELF-TEST
Figure 1.


Similar Part No. - AD22279-A-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD22279-A-R2 AD-AD22279-A-R2 Datasheet
171Kb / 12P
Single-Axis, High-g, iMEMS ccelerometers
REV. B
More results

Similar Description - AD22279-A-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL150 AD-ADXL150 Datasheet
341Kb / 15P
-5 g to -50 g, Low Noise, Low Power, Single/Dual Axis iMEMS Accelerometers
REV.0
ADXL202 AD-ADXL202 Datasheet
124Kb / 11P
Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV.B
ADXL278 AD-ADXL278 Datasheet
196Kb / 12P
Dual-Axis, High-g, MEMS Accelerometers
5/05-Rev. 0 to Rev. A
ADXL193 AD-ADXL193 Datasheet
180Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
5/05-Rev. 0 to Rev. A
AD22301 AD-AD22301 Datasheet
171Kb / 12P
Single-Axis, High-g, iMEMS ccelerometers
REV. B
ADXL78 AD-ADXL78_15 Datasheet
171Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
Rev. B
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL193 AD-ADXL193_15 Datasheet
154Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
REV. B
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL278 AD-ADXL278_15 Datasheet
169Kb / 12P
Dual-Axis, High-g, iMEMS Accelerometers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com