Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD22279-A-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # AD22279-A-R2
Description  Single-Axis, High-g, iMEMS Accelerometers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD22279-A-R2 Datasheet(HTML) 3 Page - Analog Devices

  AD22279-A-R2 Datasheet HTML 1Page - Analog Devices AD22279-A-R2 Datasheet HTML 2Page - Analog Devices AD22279-A-R2 Datasheet HTML 3Page - Analog Devices AD22279-A-R2 Datasheet HTML 4Page - Analog Devices AD22279-A-R2 Datasheet HTML 5Page - Analog Devices AD22279-A-R2 Datasheet HTML 6Page - Analog Devices AD22279-A-R2 Datasheet HTML 7Page - Analog Devices AD22279-A-R2 Datasheet HTML 8Page - Analog Devices AD22279-A-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADXL78
Rev. A | Page 3 of 12
SPECIFICATIONS1
At TA = −40°C to +105°C, 5.0 V dc ± 5%, acceleration = 0 g, unless otherwise noted.
Table 1.
Model No. AD22279
Model No. AD22280
Model No. AD22281
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SENSOR
Output Full-Scale Range
IOUT ≤ ±100 μA
37
55
70
g
Nonlinearity
0.2
2
0.2
2
0.2
2
%
Package Alignment Error
1
1
1
Degree
Cross-Axis Sensitivity
−5
+5
−5
+5
−5
+5
%
Resonant Frequency
24
24
24
kHz
Sensitivity, Ratiometric
(Over Temperature)
VDD = 5 V, 100 Hz
52.25
55
57.75
36.1
38
39.9
25.65
27
28.35
mV/g
OFFSET
Zero-g Output Voltage
(Over Temperature)2
VOUT − VDD/2,
VDD = 5 V
−200
+200
−150
+150
−150
+150
mV
NOISE
Noise Density
10 Hz − 400 Hz,
5 V
1.1
3
1.4
3
1.8
3.5
mg/√Hz
Clock Noise
5
5
5
mV p-p
FREQUENCY RESPONSE
2-pole Bessel
−3 dB Frequency
360
400
440
360
400
440
360
400
440
Hz
−3 dB Frequency Drift
25°C to
TMIN or TMAX
2
2
2
Hz
SELF-TEST
Output Change
(Cube vs. VDD)3
VDD = 5 V
440
550
660
304
380
456
216
270
324
mV
Logic Input High
VDD = 5 V
3.5
3.5
3.5
V
Logic Input Low
VDD = 5 V
1
1
1
V
Input Resistance
Pull-down
resistor to GND
30
50
30
50
30
50
kΩ
OUTPUT AMPLIFIER
Output Voltage Swing
IOUT = ±400 μA
0.25
VDD − 0.25
0.25
VDD − 0.25
0.25
VDD − 0.25
V
Capacitive Load Drive
1000
1000
1000
pF
PREFILTER HEADROOM
280
400
560
g
CFSR @ 400 kHz
5
4
3
V/V
POWER SUPPLY (VDD)
4.75
5.25
4.75
5.25
4.75
5.25
V
Functional Range
3.5
6
3.5
6
3.5
6
V
Quiescent Supply Current
VDD = 5 V
1.3
2
1.3
2
1.3
2
mA
TEMPERATURE RANGE
−40
+105
−40
+105
−40
+105
°C
1 All minimum and maximum specifications are guaranteed. Typical specifications are not guaranteed.
2 Zero g output is ratiometric.
3 Self-test output at VDD = (Self-Test Output at 5 V) × (VDD/5 V)3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com