Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP030 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BSP030
Description  N-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP030 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BSP030 Datasheet HTML 4Page - NXP Semiconductors BSP030 Datasheet HTML 5Page - NXP Semiconductors BSP030 Datasheet HTML 6Page - NXP Semiconductors BSP030 Datasheet HTML 7Page - NXP Semiconductors BSP030 Datasheet HTML 8Page - NXP Semiconductors BSP030 Datasheet HTML 9Page - NXP Semiconductors BSP030 Datasheet HTML 10Page - NXP Semiconductors BSP030 Datasheet HTML 11Page - NXP Semiconductors BSP030 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1997 Mar 13
8
Philips Semiconductors
Product specification
N-channel enhancement mode vertical
D-MOS transistor
BSP030
Fig.10 Source current as a function of source-drain
diode forward voltage; typical values.
VGD =0.
(1) Tamb = 150 °C; tp =80 µs; δ =0.
(2) Tamb=25 °C; tp =80 µs; δ =0.
(3) Tamb= −65 °C; tp =80 µs; δ =0.
handbook, halfpage
0
24
16
8
0
0.4
IS
(A)
0.8
(1)
(2)
(3)
VSD (V)
1.2
MGD723
Fig.11 Drain-source on-state resistance as a
function of gate-source voltage;
typical values.
Tamb =25 °C; tp =80 µs; δ =0.
VDS ≥ ID × RDSon.
handbook, halfpage
10
0
2468
VGS (V)
103
102
10
MGD724
ID =
100 mA
500 mA
1 A
2.5 A
5 A
10 A
25 A
40 A
RDSon
(m
Ω)
Fig.12 Temperature coefficient of gate-source
threshold voltage as a function of junction
temperature; typical values.
VGSth at VDS =VGS; ID = 1 mA.
k
V
GSth at Tj
V
GSth at 25 ° C
--------------------------------------
=
handbook, halfpage
−75
175
1.2
0.7
0.8
0.9
1.0
1.1
−25
25
k
75
125
Tj (°C)
MGD725
Fig.13 Temperature coefficient of drain-source
on-state resistance as a function of junction
temperature; typical values.
(1) RDSon at VGS = 10 V; ID =5A.
(2) RDSon at VGS = 4.5 V; ID = 2.5 A.
k
R
DSon at Tj
R
DSon at 25 ° C
-----------------------------------------
=
handbook, halfpage
1.6
0.6
0.8
1.0
1.2
1.4
MGD726
−75
175
−25
25
(1)
(2)
k
75
125
Tj (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com