Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP030 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BSP030
Description  N-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP030 Datasheet(HTML) 2 Page - NXP Semiconductors

  BSP030 Datasheet HTML 1Page - NXP Semiconductors BSP030 Datasheet HTML 2Page - NXP Semiconductors BSP030 Datasheet HTML 3Page - NXP Semiconductors BSP030 Datasheet HTML 4Page - NXP Semiconductors BSP030 Datasheet HTML 5Page - NXP Semiconductors BSP030 Datasheet HTML 6Page - NXP Semiconductors BSP030 Datasheet HTML 7Page - NXP Semiconductors BSP030 Datasheet HTML 8Page - NXP Semiconductors BSP030 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1997 Mar 13
2
Philips Semiconductors
Product specification
N-channel enhancement mode vertical
D-MOS transistor
BSP030
FEATURES
• High speed switching
• No secondary breakdown
• Very low on-state resistance.
APPLICATIONS
• Motor and actuator drivers
• Power management
• Synchronized rectification.
DESCRIPTION
N-channel enhancement mode vertical D-MOS transistor
in a 4-pin plastic SOT223 SMD package.
CAUTION
The device is supplied in an antistatic package.
The gate-source input must be protected against static
discharge during transport or handling.
PINNING - SOT223
PIN
SYMBOL
DESCRIPTION
1
g
gate
2
d
drain
3
s
source
4
d
drain
handbook, halfpage
MAM054 - 1
4
123
Top view
s
d
g
Fig.1 Simplified outline and symbol.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage (DC)
−
30
V
VSD
source-drain diode forward voltage
IS = 1.25 A
−
1V
VGS
gate-source voltage (DC)
−±20
V
VGSth
gate-source threshold voltage
ID = 1 mA; VDS =VGS
1
2.8
V
ID
drain current (DC)
Ts = 100 °C
−
10
A
RDSon
drain-source on-state resistance
ID = 5 A; VGS =10V
−
0.03
Ω
Ptot
total power dissipation
Ts = 100 °C
−
5W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com