Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF192 Datasheet(PDF) 22 Page - Analog Devices

Part # REF192
Description  Precision Micropower, Low Dropout Voltage References
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF192 Datasheet(HTML) 22 Page - Analog Devices

Back Button REF192 Datasheet HTML 18Page - Analog Devices REF192 Datasheet HTML 19Page - Analog Devices REF192 Datasheet HTML 20Page - Analog Devices REF192 Datasheet HTML 21Page - Analog Devices REF192 Datasheet HTML 22Page - Analog Devices REF192 Datasheet HTML 23Page - Analog Devices REF192 Datasheet HTML 24Page - Analog Devices REF192 Datasheet HTML 25Page - Analog Devices REF192 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
REF19x Series
Rev. I | Page 22 of 28
ISY
ADJUST
R1
RSET
P1
RL
IOUT
E.G., REF195: VOUT = 5V
IOUT = 5mA
R1 = 953Ω
P1 = 100Ω, 10-TURN
VIN
1µF
REF19x
2
3
4
6
VIN ≥ IOUT × RL (MAX) + VSY (MIN)
IOUT =
VOUT
+ ISY (REF19x)
RSET
VOUT
>> ISY
RSET
VIN
GND
VREF
SLEEP
Figure 27. A Low Dropout, Precision Current Source
The governing equations for the circuit are
()
(
)
19x
REF
Min
V
Max
R
I
V
SY
L
OUT
IN
,
+
×
=
()
19x
REF
I
R
V
I
SY
SET
OUT
OUT
+
=
()
19x
REF
I
R
V
SY
SET
OUT
〉〉
SWITCHED OUTPUT 5 V/3.3 V REFERENCE
Applications often require digital control of reference voltages,
selecting between one stable voltage and a second. With the
sleep feature inherent to the REF19x series, switched output
reference configurations are easily implemented with little
additional hardware.
The circuit in Figure 28 illustrates the general technique, which
takes advantage of the output wire-OR capability of the REF19x
device family. When off, a REF19x device is effectively an open
circuit at the output node with respect to the power supply.
When on, a REF19x device can source current up to its current
rating, but sink only a few μA (essentially, just the relatively low
current of the internal output scaling divider). Consequently,
when two devices are wired together at their common outputs,
the output voltage is the same as the output voltage for the on
device. The off state device draws a small standby current of
15 μA (max), but otherwise does not interfere with operation of
the on device, which can operate to its full current rating. Note
that the two devices in the circuit conveniently share both input
and output capacitors, and with CMOS logic drive, it is power
efficient.
U3B
74HC04
U3A
74HC04
VC
VOUT (V)
5.0
3.3
4.5
5.0
VC*
HI
LO
HI
LO
U1/U2
REF195/
REF196
REF194/
REF195
*CMOS LOGIC LEVELS
+VS = 6V
VIN
COMMON
VOUT
COMMON
C1
0.1µF
+VOUT
C2
1µF
U1
REF19x
(SEE TABLE)
2
3
4
U2
REF19x
(SEE TABLE)
2
3
4
+
6
6
13
24
OUTPUT TABLE
Figure 28. Switched Output Reference
Using dissimilar REF19x series devices with this configuration
allows logic selection between the U1/U2-specified terminal
voltages. For example, with U1 (a REF195) and U2 (a REF196),
as noted in the table in Figure 28, changing the CMOS-
compatible VC logic control voltage from HI to LO selects
between a nominal output of 5 V and 3.3 V, and vice versa.
Other REF19x family units can also be used for U1/U2, with
similar operation in a logic sense, but with outputs as per the
individual paired devices (see the table in Figure 28). Of course,
the exact output voltage tolerance, drift, and overall quality of
the reference voltage is consistent with the grade of individual
U1 and U2 devices.
Due to the nature of the wire-OR, one application caveat should
be understood about this circuit. Since U1 and U2 can only
source current effectively, negative going output voltage
changes, which require the sinking of current, necessarily takes
longer than positive going changes. In practice, this means that
the circuit is quite fast when undergoing a transition from 3.3 V
to 5 V, but the transition from 5 V to 3.3 V takes longer. Exactly
how much longer is a function of the load resistance, RL, seen at
the output and the typical 1 μF value of C2. In general, a
conservative transition time is approximately several milliseconds
for load resistances in the range of 100 Ω to 1 kΩ. Note that for
highest accuracy at the new output voltage, several time
constants should be allowed (>7.6 time constants for <1/2 LSB
error @ 10 bits, for example).
KELVIN CONNECTIONS
In many portable applications where the PC board cost and area
go hand-in-hand, circuit interconnects are very often narrow.
These narrow lines can cause large voltage drops if the voltage
reference is required to provide load currents to various
functions. The interconnections of a circuit can exhibit a typical
line resistance of 0.45 mΩ/square (1 oz. Cu, for example).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com