Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF192 Datasheet(PDF) 24 Page - Analog Devices

Part # REF192
Description  Precision Micropower, Low Dropout Voltage References
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF192 Datasheet(HTML) 24 Page - Analog Devices

Back Button REF192 Datasheet HTML 20Page - Analog Devices REF192 Datasheet HTML 21Page - Analog Devices REF192 Datasheet HTML 22Page - Analog Devices REF192 Datasheet HTML 23Page - Analog Devices REF192 Datasheet HTML 24Page - Analog Devices REF192 Datasheet HTML 25Page - Analog Devices REF192 Datasheet HTML 26Page - Analog Devices REF192 Datasheet HTML 27Page - Analog Devices REF192 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
REF19x Series
Rev. I | Page 24 of 28
For VS levels lower than the lower threshold, U3 output is low;
thus, U2 and Q1 are off while U1 is on. For VS levels higher
than the upper threshold, the situation reverses, with U1 off and
both U2 and Q1 on. In the interest of battery power
conservation, all of the comparison switching circuitry is
powered from VS and is arranged so that when VS fails, the
default output comes from U1.
For the R1 to R3 values, as shown in Figure 30, lower/upper VS
switching thresholds are approximately 5.5 V and 6 V, respectively.
These can be changed to suit other VS supplies, as can the REF19x
devices used for U1 and U2, over a range of 2.5 V to5 V of output.
U3 can operate down to a VS of 3.3 V, which is generally
compatible with all REF19x family devices.
LOW POWER, STRAIN GAGE CIRCUIT
As shown in Figure 31, the REF19x family of references can be
used in conjunction with low supply voltage operational amplifiers,
such as the OP492 or the OP283, in a self-contained strain gage
circuit in which the REF195 is used as the core. Other
references can be easily accommodated by changing circuit
element values. The references play a dual role, first as the
voltage regulator to provide the supply voltage requirements of
the strain gage and the operational amplifiers, and second as
a precision voltage reference for the current source used to
stimulate the bridge. A distinct feature of the circuit is that it
can be remotely controlled on or off by digital means via
the SLEEP pin.
500Ω
0.1%
57kΩ
1%
0.1µF
10kΩ
1%
0.1µF
1/4
OP492
10µF
REF195
2.21kΩ
20kΩ
1%
10kΩ
1%
20kΩ
1%
20kΩ
1%
20kΩ
1%
0.01µF
10µF
100Ω
OUTPUT
2N2222
+
1µF
+
6
2
4
+
–
1
4
11
2
3
1/4
OP492
+
–
7
5
6
1/4
OP492
+
–
14
12
13
1/4
OP492
+
–
8
10
9
10kΩ
1%
Figure 31. A Low Power, Strain Gage Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com