Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTJS3151P Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTJS3151P
Description  Trench Power MOSFET 12 V, 3.3 A, Single P?묬hannel, ESD Protected SC??8
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTJS3151P Datasheet(HTML) 1 Page - ON Semiconductor

  NTJS3151P Datasheet HTML 1Page - ON Semiconductor NTJS3151P Datasheet HTML 2Page - ON Semiconductor NTJS3151P Datasheet HTML 3Page - ON Semiconductor NTJS3151P Datasheet HTML 4Page - ON Semiconductor NTJS3151P Datasheet HTML 5Page - ON Semiconductor NTJS3151P Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
March, 2006 − Rev. 2
1
Publication Order Number:
NTJS3151/D
NTJS3151P
Trench Power MOSFET
12 V, 3.3 A, Single P−Channel,
ESD Protected SC−88
Features
• Leading Trench Technology for Low RDS(ON) Extending Battery Life
• SC−88 Small Outline (2x2 mm, SC70−6 Equivalent)
• Gate Diodes for ESD Protection
• Pb−Free Packages are Available
Applications
• High Side Load Switch
• Cell Phones, Computing, Digital Cameras, MP3s and PDAs
MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Units
Drain−to−Source Voltage
VDSS
−12
V
Gate−to−Source Voltage
VGS
±12
V
Continuous Drain
Current (Note 1)
Steady
State
TA = 25 °C
ID
−2.7
A
TA = 85 °C
−2.0
t ≤ 5 s
TA = 25 °C
−3.3
Power Dissipation
(Note 1)
Steady
State
TA = 25 °C
PD
0.625
W
Pulsed Drain Current
tp = 10 ms
IDM
−8.0
A
Operating Junction and Storage Temperature
TJ,
TSTG
−55 to
150
°C
Source Current (Body Diode)
IS
−0.8
A
Lead Temperature for Soldering Purposes
(1/8” from case for 10 s)
TL
260
°C
THERMAL RESISTANCE RATINGS (Note 1)
Parameter
Symbol
Max
Units
Junction−to−Ambient – Steady State
RqJA
200
°C/W
Junction−to−Ambient − t ≤ 5 s
RqJA
141
Junction−to−Lead – Steady State
RqJL
102
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Surface mounted on FR4 board using 1 in sq pad size
(Cu area = 1.127 in sq [1 oz] including traces).
SC−88/SOT−363
CASE 419B
STYLE 28
MARKING DIAGRAM &
PIN ASSIGNMENT
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
TJ M G
G
1
6
1
TJ
= Device Code
M
= Date Code
G
= Pb−Free Package
DD
S
DD
G
(Note: Microdot may be in either location)
V(BR)DSS
RDS(on) Typ
ID Max
−12 V
45 mW @ −4.5 V
67 mW @ −2.5 V
133 mW @ −1.8 V
−3.3 A
Top View
SC−88 (SOT−363)
D
D
S
D
D
6
5
4
1
2
3
G
S
D
G
3 kW


Similar Part No. - NTJS3151P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTJS3151P ONSEMI-NTJS3151P Datasheet
73Kb / 5P
Trench Power MOSFET
June, 2016 ??Rev. 4
NTJS3151PT1G ONSEMI-NTJS3151PT1G Datasheet
73Kb / 5P
Trench Power MOSFET
June, 2016 ??Rev. 4
logo
VBsemi Electronics Co.,...
NTJS3151PT1G VBSEMI-NTJS3151PT1G Datasheet
1Mb / 9P
P-Channel 20 V (D-S) MOSFET
logo
ON Semiconductor
NTJS3151PT2G ONSEMI-NTJS3151PT2G Datasheet
73Kb / 5P
Trench Power MOSFET
June, 2016 ??Rev. 4
NTJS3151P ONSEMI-NTJS3151P_16 Datasheet
73Kb / 5P
Trench Power MOSFET
June, 2016 ??Rev. 4
More results

Similar Description - NTJS3151P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTJS4151P ONSEMI-NTJS4151P Datasheet
143Kb / 5P
Trench Power MOSFET ??0 V, ??.2 A, Single P?묬hannel, SC??8
February, 2006 ??Rev. 1
NTJS4405N ONSEMI-NTJS4405N Datasheet
131Kb / 5P
Small Signal MOSFET 25 V, 1.2 A, Single, N?묬hannel, SC??8
February, 2006 ??Rev. 4
NTGS1135P ONSEMI-NTGS1135P Datasheet
110Kb / 5P
Power MOSFET ?? V, ??.8 A, Single P?묬hannel, TSOP??
October, 2008 ??Rev. 0
NTS4173P ONSEMI-NTS4173P Datasheet
114Kb / 6P
Power MOSFET ??0 V, ??.3 A, Single P?묬hannel, SC??0
September, 2008 ??Rev. 0
NTJD4152P ONSEMI-NTJD4152P Datasheet
93Kb / 5P
Trench Small Signal MOSFET 20 V, 0.88 A, Dual P-Channel, ESD Protected SC-88
August, 2007 - Rev. 2
NTJS3157N ONSEMI-NTJS3157N Datasheet
139Kb / 6P
Trench Power MOSFET 20 V, 4.0 A, Single N?묬hannel, SC??8
February, 2006 ??Rev. 2
NTS2101P ONSEMI-NTS2101P Datasheet
66Kb / 5P
Power MOSFET ??.0 V, ??.4 A, Single P?묬hannel, SC??0
March, 2006 ??Rev. 1
NTR4101P ONSEMI-NTR4101P_10 Datasheet
125Kb / 5P
Trench Power MOSFET ??0 V, Single P?묬hannel, SOT??3
June, 2010 ??Rev. 5
NTLUS3A18PZTCG ONSEMI-NTLUS3A18PZTCG Datasheet
153Kb / 6P
Power MOSFET ??0 V, ??.2 A, Single P?묬hannel,
July, 2012 ??Rev. 3
NVJS4151P ONSEMI-NVJS4151P Datasheet
121Kb / 5P
Single P?묬hannel Trench Power MOSFET
August, 2014 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com