Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTJS3151P Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTJS3151P
Description  Trench Power MOSFET 12 V, 3.3 A, Single P?묬hannel, ESD Protected SC??8
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTJS3151P Datasheet(HTML) 2 Page - ON Semiconductor

  NTJS3151P Datasheet HTML 1Page - ON Semiconductor NTJS3151P Datasheet HTML 2Page - ON Semiconductor NTJS3151P Datasheet HTML 3Page - ON Semiconductor NTJS3151P Datasheet HTML 4Page - ON Semiconductor NTJS3151P Datasheet HTML 5Page - ON Semiconductor NTJS3151P Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NTJS3151P
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ=25°C unless otherwise stated)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = −250 mA
−12
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
10
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS = −9.6 V,
VDS = 0 V
TJ = 25°C
−1.0
mA
TJ = 125°C
−2.5
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±4.5 V
±1.5
mA
VDS = 0 V, VGS = ±12 V
±10
mA
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 100 mA
−0.40
V
Negative Threshold Temperature
Coefficient
VGS(TH)/TJ
3.4
mV/°C
Drain−to−Source On Resistance
RDS(on)
VGS = −4.5 V, ID = −3.3 A
45
60
mW
VGS = −2.5 V, ID = −2.9 A
67
90
VGS = −1.8 V, ID = −1.0 A
133
160
Forward Transconductance
gFS
VGS = −10 V, ID = −3.3 A
15
S
CHARGES AND CAPACITANCES
Input Capacitance
CISS
VGS = 0 V, f = 1.0 MHz,
VDS = −12 V
850
pF
Output Capacitance
COSS
170
Reverse Transfer Capacitance
CRSS
110
Total Gate Charge
QG(TOT)
VGS = −4.5 V, VDS = −5.0 V,
ID = −3.3 A
8.6
nC
Gate−to−Source Charge
QGS
1.3
Gate−to−Drain Charge
QGD
2.2
Gate Resistance
RG
3000
W
SWITCHING CHARACTERISTICS (Note 3)
Turn−On Delay Time
td(ON)
VGS = −4.5 V, VDD = −6.0 V,
ID = −1.0 A, RG = 6.0 W
0.86
ms
Rise Time
tr
1.5
Turn−Off Delay Time
td(OFF)
3.5
Fall Time
tf
3.9
DRAIN−SOURCE DIODE CHARACTERISTICS (Note 2)
Forward Diode Voltage
VSD
VGS = 0 V,
IS = −3.3 A
TJ = 25°C
−0.85
−1.2
V
TJ = 125°C
−0.7
2. Pulse Test: pulse width ≤ 300ms, duty cycle ≤ 2%.
3. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com