Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G08DC Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G08DC
Description  Dual 2-input AND gate
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G08DC Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74LVC2G08DC Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC2G08DC Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC2G08DC Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2G08DC Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2G08DC Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G08DC Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G08DC Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G08DC Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G08DC Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
74LVC2G08
Dual 2-input AND gate
Rev. 18 — 23 January 2023
Product data sheet
1. General description
The 74LVC2G08 is a dual 2-input AND gate. Inputs can be driven from either 3.3 V or 5 V devices.
This feature allows the use of these devices as translators in mixed 3.3 V and 5 V environments.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall times.
This device is fully specified for partial power down applications using IOFF. The IOFF circuitry
disables the output, preventing the potentially damaging backflow current through the device when
it is powered down.
2. Features and benefits
• Wide supply voltage range from 1.65 V to 5.5 V
• 5 V tolerant outputs for interfacing with 5 V logic
• Overvoltage tolerant inputs to 5.5 V
• IOFF circuitry provides partial Power-down mode operation
• High noise immunity
• ±24 mA output drive (VCC = 3.0 V)
• CMOS low power dissipation
• Complies with JEDEC standard:
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8-B/JESD36 (2.7 V to 3.6 V)
• Latch-up performance exceeds 250 mA
• Direct interface with TTL levels
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C


Similar Part No. - 74LVC2G08DC

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
74LVC2G08DC PANASONIC-74LVC2G08DC Datasheet
87Kb / 15P
Dual 2-input AND gate
logo
NXP Semiconductors
74LVC2G08DC NXP-74LVC2G08DC Datasheet
102Kb / 16P
Dual 2-input AND gate
Rev. 08-9 June 2008
74LVC2G08DC NXP-74LVC2G08DC Datasheet
502Kb / 21P
Dual 2-input AND gate
Rev. 9-20 October 2010
logo
Nexperia B.V. All right...
74LVC2G08DC-Q100 NEXPERIA-74LVC2G08DC-Q100 Datasheet
222Kb / 13P
Dual 2-input AND gate
More results

Similar Description - 74LVC2G08DC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7W08F TOSHIBA-TC7W08F Datasheet
204Kb / 7P
DUAL 2-INPUT AND GATE
TC7WH08FU TOSHIBA-TC7WH08FU Datasheet
195Kb / 6P
DUAL 2-INPUT AND GATE
logo
NXP Semiconductors
74HC2G08 PHILIPS-74HC2G08 Datasheet
85Kb / 16P
Dual 2-input AND gate
2002 Nov 15
74AHC2G08 PHILIPS-74AHC2G08 Datasheet
90Kb / 17P
Dual 2-input AND gate
Rev. 02-18 October 2004
logo
Toshiba Semiconductor
TC7W08F TOSHIBA-TC7W08F_01 Datasheet
236Kb / 8P
DUAL 2-INPUT AND GATE
logo
Renesas Technology Corp
RD74LVC2G08 RENESAS-RD74LVC2G08 Datasheet
2Mb / 8P
Dual 2-Input AND Gate
logo
NXP Semiconductors
74LVC2G08 NXP-74LVC2G08 Datasheet
102Kb / 16P
Dual 2-input AND gate
Rev. 08-9 June 2008
logo
ON Semiconductor
NL27WZ08 ONSEMI-NL27WZ08_12 Datasheet
101Kb / 5P
Dual 2-Input AND Gate
April, 2012 ??Rev. 10
logo
Nexperia B.V. All right...
74HC2G08-Q100 NEXPERIA-74HC2G08-Q100 Datasheet
213Kb / 13P
Dual 2-input AND gate
logo
ON Semiconductor
NL27WZ08 ONSEMI-NL27WZ08_V01 Datasheet
330Kb / 13P
Dual 2-Input AND Gate
October, 2020 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com