Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G08DC Datasheet(PDF) 16 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G08DC
Description  Dual 2-input AND gate
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G08DC Datasheet(HTML) 16 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2G08DC Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC2G08DC Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC2G08DC Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC2G08DC Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC2G08DC Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC2G08DC Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74LVC2G08DC Datasheet HTML 18Page - Nexperia B.V. All rights reserved 74LVC2G08DC Datasheet HTML 19Page - Nexperia B.V. All rights reserved 74LVC2G08DC Datasheet HTML 20Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Nexperia
74LVC2G08
Dual 2-input AND gate
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1233-2
- - -
sot1233-2_po
19-11-12
Unit
mm
max
nom
min
0.54 0.22
A
Dimensions (mm are the original dimensions)
SOT1233-2
A1
b1
0.80
D
Dh
e
e1
L
0.10
v
0.05
w
0.05
y
0.05
y1
0.30
0.04
0.00
0.35
1.35 0.22
0.32
A3
0.02
0.27
0.17
0.05
u
0.27
0.17
E
0.50
b
0.25
0.20
0.15
0
scale
1 mm
X2SON8: plastic thermal enhanced extremely thin small outline package; no leads;
8 terminals; body 1.35 x 0.8 x 0.32 mm
X
detail X
A1
A3
A
pin 1
index area
pin 1
index area
D
A
E
B
e
e
A
C
B
v
C
w
b
(6x)
b1
(6x)
L
(6x)
e1
7
6
5
1
8
4
Dh
2
3
Seating
Plane
C
y C
u
2x
C
u
2x
C
C
y1
0.10
(Typ.)
0.11
(ref)
Fig. 15. Package outline SOT1233-2 (X2SON8)
74LVC2G08
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 18 — 23 January 2023
16 / 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com