Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G07GS Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G07GS
Description  Buffers with open-drain outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G07GS Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2G07GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2G07GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2G07GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G07GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G07GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G07GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G07GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC2G07GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC2G07GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Nexperia
74LVC2G07
Buffers with open-drain outputs
11. Dynamic characteristics
Table 8. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Fig. 9.
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ[1]
Max
Min
Max
Unit
nA to nY; see Fig. 8
[2]
VCC = 1.65 V to 1.95 V
1.0
3.5
6.7
1.0
8.4
ns
VCC = 2.3 V to 2.7 V
0.5
2.4
4.3
0.5
5.5
ns
VCC = 2.7 V
1.0
2.3
4.2
1.0
5.3
ns
VCC = 3.0 V to 3.6 V
0.5
2.6
3.7
0.5
4.7
ns
tpd
propagation delay
VCC = 4.5 V to 5.5 V
0.5
1.5
2.9
0.5
3.7
ns
CPD
power dissipation
capacitance
VI = GND to VCC; VCC = 3.3 V [3]
-
6.5
-
-
-
pF
[1] Typical values are measured at Tamb = 25 °C and VCC = 1.8 V, 2.5 V, 2.7 V, 3.3 V and 5.0 V respectively.
[2] tpd is the same as tPLZ and tPZL.
[3] CPD is used to determine the dynamic power dissipation (PD in μW).
PD = CPD x VCC 2 x fi x N + ∑(CL x VCC 2 x fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
∑(CL x VCC 2 x fo) = sum of outputs.
11.1. Waveform and test circuit
mna528
tPLZ
VX
nY output
nA input
VI
VCC
VM
VM
VOL
GND
tPZL
VM
Measurement points are given in Table 9.
VOL is the typical output voltage level that occur with the output load.
Fig. 8. The input (nA) to output (nY) propagation delays
Table 9. Measurement points
Supply voltage
Input
Output
VCC
VM
VM
VX
1.65 V to 1.95 V
0.5 x VCC
0.5 x VCC
VOL + 0.15 V
2.3 V to 2.7 V
0.5 x VCC
0.5 x VCC
VOL + 0.15 V
2.7 V
1.5 V
1.5 V
VOL + 0.3 V
3.0 V to 3.6 V
1.5 V
1.5 V
VOL + 0.3 V
4.5 V to 5.5 V
0.5 x VCC
0.5 x VCC
VOL + 0.3 V
74LVC2G07
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 12 — 24 January 2022
7 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com