Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G07GS Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G07GS
Description  Buffers with open-drain outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G07GS Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74LVC2G07GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC2G07GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC2G07GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2G07GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2G07GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G07GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G07GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G07GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G07GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Nexperia
74LVC2G07
Buffers with open-drain outputs
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74LVC2G07GW -40 °C to +125 °C
TSSOP6
plastic thin shrink small outline package; 6 leads;
body width 1.25 mm
SOT363-2
74LVC2G07GV
-40 °C to +125 °C
SC-74;
TSOP6
plastic surface-mounted package; 6 leads
SOT457
74LVC2G07GM -40 °C to +125 °C
XSON6
plastic extremely thin small outline package;
no leads; 6 terminals; body 1 × 1.45 × 0.5 mm
SOT886
74LVC2G07GN -40 °C to +125 °C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 0.9 × 1.0 × 0.35 mm
SOT1115
74LVC2G07GS
-40 °C to +125 °C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 1.0 × 1.0 × 0.35 mm
SOT1202
74LVC2G07GX
-40 °C to +125 °C
X2SON6
plastic thermal enhanced extremely
thin small outline package; no leads;
6 terminals; body 1.0 × 0.8 × 0.32 mm
SOT1255-2
4. Marking
Table 2. Marking
Type number
Marking code[1]
74LVC2G07GW
V7
74LVC2G07GV
V07
74LVC2G07GM
V7
74LVC2G07GN
V7
74LVC2G07GS
V7
74LVC2G07GX
V7
[1] The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5. Functional diagram
mnb092
1A
1Y
1
6
2A
2Y
3
4
Fig. 1. Logic symbol
6
1
1A
1Y
mnb093
4
3
2A
2Y
Fig. 2. IEC logic symbol
mna591
Y
A
GND
Fig. 3. Logic diagram (one driver)
74LVC2G07
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 12 — 24 January 2022
2 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com