Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5932 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5932
Description  Programmable Frequency Scan Waveform Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5932 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5932 Datasheet HTML 17Page - Analog Devices AD5932 Datasheet HTML 18Page - Analog Devices AD5932 Datasheet HTML 19Page - Analog Devices AD5932 Datasheet HTML 20Page - Analog Devices AD5932 Datasheet HTML 21Page - Analog Devices AD5932 Datasheet HTML 22Page - Analog Devices AD5932 Datasheet HTML 23Page - Analog Devices AD5932 Datasheet HTML 24Page - Analog Devices AD5932 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD5932
Rev. 0 | Page 21 of 28
AD5932 TO 68HC11/68L11 INTERFACE
To load the remaining eight bits to the AD5932, P3.3 is held low
after the first eight bits have been transmitted, and a second
write operation is initiated to transmit the second byte of data.
P3.3 is taken high following completion of the second write
operation. SCLK should idle high between the two write
operations. The 80C51/80L51 outputs the serial data in an LSB-
first format. The AD5932 accepts the MSB first (the four MSBs
being the control information, the next four bits being the
address, while the eight LSBs contain the data when writing to a
destination register). Therefore, the transmit routine of the
80C51/80L51 must consider this and rearrange the bits so that
the MSB is output first.
Figure 35 shows the serial interface between the AD5932 and
the 68HC11/68L11 microcontroller. The microcontroller is
configured as the master by setting Bit MSTR in the SPCR to 1,
which provides a serial clock on SCK while the MOSI output
drives the serial data line, SDATA. Because the microcontroller
does not have a dedicated frame sync pin, the FSYNC signal is
derived from a port line (PC7). The set-up conditions for
correct operation of the interface are as follows:
• SCK idles high between write operations (CPOL = 0).
• Data is valid on the SCK falling edge (CPHA = 1).
AD59321
80C51/80L511
1ADDITIONAL PINS OMITTED FOR CLARITY.
P3.3
RxD
TxD
FSYNC
SDATA
SCLK
When data is being transmitted to the AD5932, the FSYNC line
is taken low (PC7). Serial data from the 68HC11/68L11 is
transmitted in 8-bit bytes with only eight falling clock edges
occurring in the transmit cycle. Data is transmitted MSB first.
In order to load data into the AD5932, PC7 is held low after the
first eight bits are transferred and a second serial write operation is
performed to the AD5932. Only after the second eight bits have
been transferred should FSYNC be taken high again.
Figure 36. 80C51/80L51 to AD5932 Interface
AD59321
68HC11/68L111
1ADDITIONAL PINS OMITTED FOR CLARITY.
PC7
MOSI
SCK
FSYNC
SDATA
SCLK
AD5932 TO DSP56002 INTERFACE
Figure 37 shows the interface between the AD5932 and the
DSP56002. The DSP56002 is configured for normal mode,
asynchronous operation with a gated internal clock (SYN = 0,
GCK = 1, SCKD = 1). The frame sync pin is generated internally
(SC2 = 1), the transfers are 16 bits wide (WL1 = 1, WL0 = 0),
and the frame sync signal frames the 16 bits (FSL = 0). The
frame sync signal is available on Pin SC2, but it must be
inverted before being applied to the AD5932. The interface to
the DSP56000/DSP56001 is similar to that of the DSP56002.
Figure 35. 68HC11/68L11 to AD5932 Interface
AD5932 TO 80C51/80L51 INTERFACE
AD59321
DSP560021
1ADDITIONAL PINS OMITTED FOR CLARITY.
SC2
STD
SCK
FSYNC
SDATA
SCLK
Figure 36 shows the serial interface between the AD5932 and
the 80C51/80L51 microcontroller. The microcontroller is
operated in Mode 0 so that TxD of the 80C51/80L51 drives
SCLK of the AD5932, while RxD drives the serial data line
SDATA. The FSYNC signal is again derived from a bit program-
mable pin on the port (P3.3 being used in the diagram). When
data is to be transmitted to the AD5932, P3.3 is taken low. The
80C51/80L51 transmits data in 8-bit bytes; thus, only eight
falling SCLK edges occur in each cycle.
Figure 37. DSP56002 to AD5932 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com