Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7367 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7367
Description  True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7367 Datasheet(HTML) 1 Page - Analog Devices

  AD7367 Datasheet HTML 1Page - Analog Devices AD7367 Datasheet HTML 2Page - Analog Devices AD7367 Datasheet HTML 3Page - Analog Devices AD7367 Datasheet HTML 4Page - Analog Devices AD7367 Datasheet HTML 5Page - Analog Devices AD7367 Datasheet HTML 6Page - Analog Devices AD7367 Datasheet HTML 7Page - Analog Devices AD7367 Datasheet HTML 8Page - Analog Devices AD7367 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
True Bipolar Input, Dual
1μs, 14-Bit, 2-Channel SAR ADC
Preliminary Technical Data
AD7367
Rev. PrD
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Dual 14-bit, 2-channel ADC
True Bipolar Analog Inputs
Programmable Input Ranges
±10, ±5, 0 to 10 V
Throughput rate: 1 MSPS
Simultaneous conversion with read in 1μs
Specified for VCC of 5 V±5%
Low current consumption: 5.65 mA max
Wide input bandwidth
14 bits No Missing Codes
On-chip reference: 2.5 V
–40°C to +85°C operation
High speed serial interface
SPI®/QSPI™/MICROWIRE™/DSP compatible
iCMOSTM Process Technology
24-lead TSSOP package
For 12 bit version see AD7366
GENERAL DESCRIPTION
The AD73671 is a dual, 14-bit, high speed, low power, successive
approximation ADC that features throughput rates up to 1
MSPS. The device contains two ADCs, each preceded by a 2-
channel multiplexer, and a low noise, wide bandwidth track-
and-hold amplifier that can handle input frequencies in excess
of 10 MHz.
The AD7367 is fabricated on Analog Devices’ Industrial CMOS
process, iCMOS, a technology platform combining the
advantages of low and high voltage CMOS, bipolar and high
voltage DMOS processes. The process allows the AD7367 to
accept high voltage bipolar signals in addition to reducing
power consumption and package size.
The AD7367 can accept true bipolar analog input signals in the
±10 V range, ±5 V range and 0 to 10 V range.
The AD7367 has an on-chip 2.5 V reference that can be
overdriven if an external reference is preferred. The AD7367 is
available in a 24-lead TSSOP package.
1Protected by U.S. Patent No. 6,681,332.
FUNCTIONAL BLOCK DIAGRAM
Figure 1
Table 1.Related Products
Device
Number
Resolution
Throughput
Rate
Number of
Channels
AD7366
12-Bit
1 MSPS
Dual, 2-ch
AD7366-5
12-Bit
500 KSPS
Dual, 2-ch
AD7367-5
14-Bit
500 KSPS
Dual, 2-ch
iCMOSTM Process Technology
For analog systems designers within industrial/instrumentation equipment OEMs who need high performance ICs at higher-voltage levels, iCMOS is a technology
platform that enables the development of analog ICs capable of 30V and operating at +/- 15V supplies while allowing dramatic reductions in power consumption and
package size, and increased AC and DC performance.


Similar Part No. - AD7367

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7367 AD-AD7367 Datasheet
624Kb / 28P
True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
5/07-Revision 0
AD7367-5 AD-AD7367-5 Datasheet
624Kb / 28P
True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
5/07-Revision 0
AD7367-5ARUZ AD-AD7367-5ARUZ Datasheet
538Kb / 40P
1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7367-5ARUZ-REEL7 AD-AD7367-5ARUZ-REEL7 Datasheet
538Kb / 40P
1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7367-5BRUZ AD-AD7367-5BRUZ Datasheet
538Kb / 40P
1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
More results

Similar Description - AD7367

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7266 AD-AD7266 Datasheet
752Kb / 17P
Differential Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
logo
ATMEL Corporation
AD7322 ATMEL-AD7322 Datasheet
901Kb / 18P
Software Selectable True Bipolar Input, 2-Channel, 12-Bit Plus Sign ADC
logo
Analog Devices
AD7366 AD-AD7366 Datasheet
204Kb / 17P
True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC
AD7366 AD-AD7366_07 Datasheet
624Kb / 28P
True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
5/07-Revision 0
AD7366 AD-AD7366_15 Datasheet
682Kb / 29P
True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7366-5 AD-AD7366-5_15 Datasheet
651Kb / 29P
True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
AD7367 AD-AD7367_15 Datasheet
682Kb / 29P
True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7367-5 AD-AD7367-5_15 Datasheet
651Kb / 29P
True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
AD7321 AD-AD7321_17 Datasheet
697Kb / 37P
2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com