Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7367 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7367
Description  True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7367 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7367 Datasheet HTML 7Page - Analog Devices AD7367 Datasheet HTML 8Page - Analog Devices AD7367 Datasheet HTML 9Page - Analog Devices AD7367 Datasheet HTML 10Page - Analog Devices AD7367 Datasheet HTML 11Page - Analog Devices AD7367 Datasheet HTML 12Page - Analog Devices AD7367 Datasheet HTML 13Page - Analog Devices AD7367 Datasheet HTML 14Page - Analog Devices AD7367 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Preliminary Technical Data
AD7367
Rev. PrD | Page 11 of 16
VIN
AGND
A
B
SW1
SW2
COMPARATOR
CAPACITIVE
DAC
CONTROL
LOGIC
Figure 4 ADC Conversion Phase
ANALOG INPUTS
Each ADC in the AD7367 has two Single Ended Analog Inputs.
Figure 5 shows the equivalent circuit of the analog input
structure of the AD7367. The two diodes provide ESD
protection. Care must be taken to ensure that the analog input
signals never exceed the supply rails by more than 300 mV. This
causes these diodes to become forward-biased and starts
conducting current into the substrate. These diodes can
conduct up to 10 mA without causing irreversible damage to
the part. Capacitor C1 in Figure 5 is typically 5 pF and can
primarily be attributed to pin capacitance. The resistors are
lumped components made up of the on resistance of the
switches. The value of these resistors is typically about TBD Ω.
Capacitor C2 is the ADC’s sampling capacitors with a
capacitance of approximately TBD pF for the ±10V input range
and approximately TBD pF for all other input ranges.
D
D
VDD
C2
R1
VIN0
VSS
C1
Figure 5 Equivalent Analog Input Structure
The AD7367 can handle true bipolar input voltages. The Analog
input can be set to one of three ranges; ±10V, ±5V, 0-10V. The
logic levels on pins RANGE0 and RANGE1 determine which
input range is selected as outlined in Table 7. These range bits
should not be changed during the acquisition time prior to a
conversion but may change at any other time.
Table 7. Analog Input Range Selection
RANGE1
RANGE0
Range Selected
0
0
±10V
0
1
±5V
1
0
0 to 10V
1
1
Do not program
The AD7367 requires VDD and VSS dual supplies for the high
voltage analog input structures. These supplies must be equal to
or greater than ±11.5V. See Table 6 for the requirements on
these supplies. The AD7367 requires a low voltage 4.75V to 5.25
V AVCC supply to power the ADC core, a 4.75V to 5.25V DVCC
supply for the Digital Power and a 2.7V to 5.25V VDRIVE supply
for the interface power.
Channel selection is made via the ADDR pin as shown in
Table 8. The logic level on the ADDR pin is latched on the rising
edge of BUSY for the next conversion, not the one in progress.
When power is first supplied to the AD7367 the default channel
selection will be VA1 and VB1.
Table 8. Channel Selection
ADDR
Channels Selected
0
VA1, VB1
1
VA2, VB2
Transfer Function
The AD7367 output coding is two’s complement. The designed
code transitions occur at successive integer LSB values (i.e. 1
LSB, 2 lSB, and so on). The LSB size is dependant on the analog
input range selected.
Table 9 LSB sizes for each Analog Input Range.
Input Range
Full Scale Range/4096
LSB Size
±10 V
20 V/16384
1.22mV
±5 V
10 V/16384
0.61mV
0 to 10 V
10V/16384
0.61mV
The ideal transfer characteristic is shown in Figure 6
000...000
-FSR/2 + 1LSB
ANALOG INPUT
011...111
100...001
100...010
011...110
000...001
111...111
+FSR/2 - 1LSB
100...000
0V
Figure 6.Transfer Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com