Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G19 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G19
Description  1-of-2 decoder/demultiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G19 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74LVC1G19 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC1G19 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G19 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G19 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G19 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G19 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G19 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G19 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G19 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Nexperia
74LVC1G19
1-of-2 decoder/demultiplexer
6. Pinning information
6.1. Pinning
74LVC1G19
A
1Y
GND
E
2Y
001aab986
1
2
3
6
VCC
5
4
Fig. 2. Pin configuration SOT363-2
(TSSOP6) and SOT457
(SC-74; TSOP6)
74LVC1G19
GND
001aab985
A
E
VCC
1Y
2Y
Transparent top view
2
3
1
5
4
6
Fig. 3. Pin configuration SOT886
(XSON6)
74LVC1G19
GND
001aaf974
A
E
VCC
1Y
2Y
Transparent top view
2
3
1
5
4
6
Fig. 4. Pin configuration SOT1115
and SOT1202 (XSON6)
6.2. Pin description
Table 3. Pin description
Symbol
Pin
Description
A
1
data input
GND
2
ground (0 V)
E
3
enable input (active LOW)
2Y
4
data output
VCC
5
supply voltage
1Y
6
data output
7. Functional description
Table 4. Function table
H = HIGH voltage level; L = LOW voltage level; X = don’t care.
Input
Output
E
A
1Y
2Y
L
L
L
H
L
H
H
L
H
X
H
H
74LVC1G19
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 10 — 27 January 2022
3 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com