Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G19 Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G19
Description  1-of-2 decoder/demultiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G19 Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 74LVC1G19 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G19 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G19 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G19 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC1G19 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC1G19 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC1G19 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC1G19 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC1G19 Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Nexperia
74LVC1G19
1-of-2 decoder/demultiplexer
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT457
SC-74
sot457_po
06-03-16
18-11-27
Unit
mm
max
nom
min
1.1
0.1
0.26 3.1
1.7
0.2
A
Dimensions (mm are the original dimensions)
Plastic, surface-mounted package (SC-74; TSOP6); 6 leads
SOT457
A1
bp
0.40
c
D
E
e
HE
Lp
Q
v
0.2
w
y
0.1
0.95
0.2 0.23
2.5
0.9 0.013
0.10 2.7
1.3
0.25
0.6 0.33
3.0
scale
0
1
2 mm
w
B
M
bp
D
e
pin 1
index
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
c
X
1
3
2
4
5
6
Fig. 8. Package outline SOT457 (SC-74; TSOP6)
74LVC1G19
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 10 — 27 January 2022
10 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com