Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP152 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BSP152
Description  N-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP152 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BSP152 Datasheet HTML 3Page - NXP Semiconductors BSP152 Datasheet HTML 4Page - NXP Semiconductors BSP152 Datasheet HTML 5Page - NXP Semiconductors BSP152 Datasheet HTML 6Page - NXP Semiconductors BSP152 Datasheet HTML 7Page - NXP Semiconductors BSP152 Datasheet HTML 8Page - NXP Semiconductors BSP152 Datasheet HTML 9Page - NXP Semiconductors BSP152 Datasheet HTML 10Page - NXP Semiconductors BSP152 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
April 1995
7
Philips Semiconductors
Product specification
N-channel enhancement mode vertical
D-MOS transistor
BSP152
Fig.13 Temperature coefficient of
drain-source on-resistance.
Typical RDSon at ID = 750 mA; VGS = 10 V.
k
R
DS(on) at Tj
R
DS(on) at 25
o
C
-------------------------------------------
=
handbook, halfpage
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
0
50
100
150
–50
k
MRC209
Tj (°C)
Fig.14 Temperature coefficient of gate-source
threshold voltage.
Typical VGS(th) at ID = 1 mA.
k
V
GS(th) at Tj
V
GS(th) at 25
o
C
-------------------------------------------
=
handbook, halfpage
0.6
0.8
1
1.2
0
50
100
150
–50
k
Tj (°C)
MRC213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com