Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP152 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BSP152
Description  N-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP152 Datasheet(HTML) 2 Page - NXP Semiconductors

  BSP152 Datasheet HTML 1Page - NXP Semiconductors BSP152 Datasheet HTML 2Page - NXP Semiconductors BSP152 Datasheet HTML 3Page - NXP Semiconductors BSP152 Datasheet HTML 4Page - NXP Semiconductors BSP152 Datasheet HTML 5Page - NXP Semiconductors BSP152 Datasheet HTML 6Page - NXP Semiconductors BSP152 Datasheet HTML 7Page - NXP Semiconductors BSP152 Datasheet HTML 8Page - NXP Semiconductors BSP152 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
April 1995
2
Philips Semiconductors
Product specification
N-channel enhancement mode vertical
D-MOS transistor
BSP152
FEATURES
• Direct interface to C-MOS, TTL,
etc.
• High-speed switching
• No secondary breakdown.
DESCRIPTION
N-channel enhancement mode
vertical D-MOS transistor in a
SOT223 envelope, intended for use
as a line current interruptor in
telephone sets and for applications in
relay, high-speed and line
transformer drivers.
PINNING - SOT223
PIN
DESCRIPTION
1
gate
2
drain
3
source
4
drain
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source
voltage
−
200
V
ID
DC drain current
−
550
mA
Ptot
total power
dissipation
up to Tamb = 25 °C −
1.5
W
±VGSO
gate-source
voltage
open drain
−
40
V
RDS(on)
drain-source
on-resistance
ID = 750 mA;
VGS = 10 V
−
2.5
Ω
VGS(off)
gate-source
cut-off voltage
ID = 1 mA;
VDS = VGS
1.5
3.5
V
Fig.1 Simplified outline and symbol.
handbook, halfpage
MAM054
4
12
3
Top view
s
d
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com