Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUL310PI Datasheet(PDF) 1 Page - STMicroelectronics

Part # BUL310PI
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUL310PI Datasheet(HTML) 1 Page - STMicroelectronics

  BUL310PI Datasheet HTML 1Page - STMicroelectronics BUL310PI Datasheet HTML 2Page - STMicroelectronics BUL310PI Datasheet HTML 3Page - STMicroelectronics BUL310PI Datasheet HTML 4Page - STMicroelectronics BUL310PI Datasheet HTML 5Page - STMicroelectronics BUL310PI Datasheet HTML 6Page - STMicroelectronics BUL310PI Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BUL310
BUL310PI
HIGH VOLTAGE FAST-SWITCHING
NPN POWER TRANSISTORS
s
SGS-THOMSON PREFERRED SALESTYPES
s
NPN TRANSISTOR
s
HIGH VOLTAGE CAPABILITY
s
LOW SPREAD OF DYNAMIC PARAMETERS
s
MINIMUM LOT-TO-LOT SPREAD FOR
RELIABLE OPERATION
s
VERY HIGH SWITCHING SPEED
s
FULLY CHARACTERISED AT 125
oC
s
LARGE RBSOA
s
U.L. RECOGNISED ISOWATT220 PACKAGE
(U.L. FILE # E81734 (N)):
ISOLATION VOLTAGE 1500VRMS
APPLICATIONS
s
ELECTRONIC BALLASTS FOR
FLUORESCENT LIGHTING
s
FLYBACK AND FORWARD SINGLE
TRANSISTOR LOW POWER CONVERTERS
DESCRIPTION
The BUL310 and BUL310PI are manufactured
using
high
voltage
Multi
Epitaxial
Planar
technology for high switching speeds and high
voltage capability. They use a Cellular Emitter
structure with planar edge termination to enhance
switching speeds while maintaining a
wide
RBSOA.
The BUL series is designed for use in lighting
applications and low cost switch-mode power
supplies.
INTERNAL SCHEMATIC DIAGRAM
September 1997
1
2
3
TO-220
ISOWATT220
1
2
3
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Uni t
BUL 310
BUL310PI
VCES
Collector-Emit ter Voltage (VBE = 0)
1000
V
VCEO
Collector-Emit ter Voltage (IB = 0)
500
V
VEBO
Emitter-Base Voltage (IC =0)
9
V
IC
Collector Current
5
V
ICM
Collector Peak Current (tp <5 ms)
10
A
IB
Base Current
3
A
IBM
Base Peak Current (tp <5 ms)
4
A
Ptot
Tot al Dissipation at T c = 25
oC75
35
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. O perat ing Junction Temperature
150
oC
1/7


Similar Part No. - BUL310PI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL310 STMICROELECTRONICS-BUL310 Datasheet
64Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jan-1999
BUL310 STMICROELECTRONICS-BUL310 Datasheet
207Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Feb-2002
logo
Savantic, Inc.
BUL310 SAVANTIC-BUL310 Datasheet
99Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BUL310 ISC-BUL310 Datasheet
133Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
BUL310 SAVANTIC-BUL310 Datasheet
101Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - BUL310PI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BU208A STMICROELECTRONICS-BU208A Datasheet
78Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Nov-1999
BU208D STMICROELECTRONICS-BU208D Datasheet
75Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Jun-1998
BUF405A STMICROELECTRONICS-BUF405A Datasheet
51Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Jan-1999
BULT118 STMICROELECTRONICS-BULT118 Datasheet
74Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Jun-2000
SGSIF344 STMICROELECTRONICS-SGSIF344 Datasheet
90Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Jun-1997
ST13007N STMICROELECTRONICS-ST13007N Datasheet
75Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Mar-1999
BU208D STMICROELECTRONICS-BU208D Datasheet
80Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Jun-1998
SGSF313 STMICROELECTRONICS-SGSF313 Datasheet
231Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
BU208A STMICROELECTRONICS-BU208A_02 Datasheet
240Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Apr-2002
BUL741FP STMICROELECTRONICS-BUL741FP_V01 Datasheet
334Kb / 12P
High voltage fast-switching NPN power transistors
18-Aug-2009
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com