Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUL310PI Datasheet(PDF) 2 Page - STMicroelectronics

Part # BUL310PI
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUL310PI Datasheet(HTML) 2 Page - STMicroelectronics

  BUL310PI Datasheet HTML 1Page - STMicroelectronics BUL310PI Datasheet HTML 2Page - STMicroelectronics BUL310PI Datasheet HTML 3Page - STMicroelectronics BUL310PI Datasheet HTML 4Page - STMicroelectronics BUL310PI Datasheet HTML 5Page - STMicroelectronics BUL310PI Datasheet HTML 6Page - STMicroelectronics BUL310PI Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
THERMAL DATA
T O-220
ISOW ATT 220
Rthj-ca se
Rthj- amb
Thermal Resistance Junction-Case
Max
Thermal Resistance Junction-Ambient
Max
1.65
62.5
3. 58
62.5
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
ICES
Collect or Cut-off
Current (VBE =0)
VCE =1000 V
VCE =1000 V
Tj = 125
oC
100
500
µA
µA
ICEO
Collect or Cut-off
Current (IB =0)
VEC =400 V
250
µA
VCEO(sus)
Collect or-Emitter
Sustaining Voltage
IC = 100 mA
L= 25 mH
500
V
VEBO
Emitt er-Base Voltage
(IC =0)
IE =10 mA
9
V
VCE(sat)
∗ Collector-Emitter
Saturat ion Voltage
IC =1 A
IB =0.2 A
IC =2 A
IB =0.4 A
IC =3 A
IB =0.6 A
0.5
0.7
1.1
V
V
V
VBE(s at)
∗ Base-Emitter
Saturat ion Voltage
IC =1 A
IB =0.2 A
IC =2 A
IB =0.4 A
IC =3 A
IB =0.6 A
1
1.1
1.2
V
V
V
hFE
∗
DC Current G ain
IC =10 mA
VCE =5 V
IC =3 A
VCE =2.5 V
10
10
ts
tf
INDUCTIVE LOAD
St orage Time
Fall T ime
IC =2 A
IB1 =0.4 A
VBE(off) =-5 V
RBB =0
Ω
VCL = 250 V
L = 200
µH
1.2
80
1.9
160
µs
ns
ts
tf
INDUCTIVE LOAD
St orage Time
Fall T ime
IC =2 A
IB1 =0.4 A
VBE(off) =-5V
RBB =0
Ω
VCL = 250 V
L = 200
µH
Tj = 125
oC
1.8
150
µs
ns
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
Safe Operating Areas
Derating Curve
BUL310/PI
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com